Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 18Page - Renesas Technology Corp TSI721 Datasheet HTML 19Page - Renesas Technology Corp TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Tsi721 Datasheet
22
April 4, 2016
Integrated Device Technology
2.9
GPIO Signals
Table 7: GPIO Signals
Name
Pin Type
Description
GPIO[15:0]
IO
Asynchronous general purpose I/O.
• Each GPIO pin can be configured as a general purpose I/O pin.
• Each pin can be configured as either an input or an output
• When configured as an output, GPIO[0] is asserted high when
BDMA/SMSG/PC2SR/SR2PC has an uncorrectable ECC error or S-RIO MAC
has a non-data memory uncorrectable ECC error
• When configured as an output, GPIO[1] is asserted high when Tsi721 PCIe
port is not in the data link active state
• When configured as an output, GPIO[2] is asserted high when Tsi721 has an
active interrupt (for more information, see Figure 18 and Figure 19)
• When configured as an output, GPIO[15:3] can be programmed through
software
GPIO[12:0] are used as power-up pins as displayed in Table 8. These signals
must remain stable for 4000 REFCLKP/REFCLKN cycles after RSTn is
de-asserted. They are ignored after reset.
Table 8: GPIO Mapping to Power-up Signals
GPIO Pin Name
(Primary Function)
Power-up Pin Namea
(Secondary Function)
a. For more information about these signals, see Power-up Signals.
GPIO[3:0]
I2C_SA[3:0]
GPIO[4]
I2C_DISABLE
GPIO[5]
I2C_SEL
GPIO[6]
I2C_MA
GPIO[7]
SP_SWAP_RX
GPIO[8]
SP_SWAP_TX
GPIO[9]
SP_HOST
GPIO[10]
SP_DEVID
GPIO[12:11]
CLKSEL[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com