Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 17Page - Renesas Technology Corp TSI721 Datasheet HTML 18Page - Renesas Technology Corp TSI721 Datasheet HTML 19Page - Renesas Technology Corp TSI721 Datasheet HTML 20Page - Renesas Technology Corp TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Tsi721 Datasheet
21
April 4, 2016
Integrated Device Technology
2.7
I2C Signals
The I2C Interface is used for the following:
• As a master, downloading configuration from EEPROM
• As a master, allowing the PCIe root complex or the S-RIO host to configure other I2C expansion devices
• As a slave, exposing internal register space to an I2C master (Note: To be used for lab debug or another master-driven
initialization).
2.8
JTAG and Test Interface Signals
Table 5: I2C Signals
Name
Pin Type
Descriptiona
a. For information on I2C signals that are used for power-up purposes only, see Power-up Signals.
I2C_SCL
IO-OD
Serial clock for the I2C Interface with a maximum frequency of 100 kHz.
I2C_SDA
IO-OD
Serial data for the I2C Interface.
Table 6: JTAG Interface Signals
Name
Pin Type
Description
TCK
I-PD
IEEE 1149.1/1149.6 test access port. Clock input.
TDI
I-PU
IEEE 1149.1/1149.6 test access port. Serial data input
TDO
O
IEEE 1149.1/1149.6 test access port. Serial data output
TMS
I-PU
IEEE 1149.1/1149.6 test access port. Test mode select
TRSTn
I-PU
IEEE 1149.1/1149.6 test access port. Reset input.
This input must be asserted during the assertion of RSTn. Thereafter, it can be
left in either state.
TEST_ON
I-PD
Test mode pin. Tie low or NC for normal operation.
TEST_BCE
I-PU
Boundary scan compatibility enabled pin. This input aids 1149.6 testing. It must
be tied to VDDIO (or NC as there is internal pull up in pad) during normal
operation of the device.
0 = JTAG chain includes SerDes registers. SerDes registers are accessible to
external JTAG pins. Used during ATE and lab debug of SerDes registers through
an external JTAG Controller.
1 = JTAG chain does not include SerDes registers. SerDes register are
accessible through the internal register bus for BAR 0 access.
TEST_BIDIR_CTL
I-PU
Test mode pin. Tie high or NC for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com