Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 21Page - Renesas Technology Corp TSI721 Datasheet HTML 22Page - Renesas Technology Corp TSI721 Datasheet HTML 23Page - Renesas Technology Corp TSI721 Datasheet HTML 24Page - Renesas Technology Corp TSI721 Datasheet HTML 25Page - Renesas Technology Corp TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Tsi721 Datasheet
25
April 4, 2016
Integrated Device Technology
SP_SWAP_TX
IO
S-RIO transmit lane swap. This signal sets the reset value of the SWAP_TX bit
of RapidIO PLM Port Implementation Specific Control Register.
0 = Disable S-RIO port transmit lane swap.
1 = Enable S-RIO port transmit lane swap.
This signal is multiplexed with GPIO[8]. It is a static signal.
SR_BOOT
I-PD
Boot from S-RIO. It can be asserted high only when I2C_DISABLE is also high.
1 = The Tsi721 S-RIO link can start training immediately after a fundamental
reset and Tsi721 automatically sets the SRBOOT_CMPL bit of Device Control
Register.
0 = The Tsi721 S-RIO link can start training only after software sets the
SRBOOT_CMPL bit.
It is a static signal.
STRAP_RATE[2:0]
I-PU
S-RIO link rate. These signals control the reset value of the BAUD_SEL field of
the RapidIO Port Control 2 CSR . Note that the BAUD_SEL encoding is different
than that of STRAP_RATE.
• 0b111 = 5 Gbaud
• 0b110 = 2.5 Gbaud
• 0b101 = 1.25 Gbaud
• 0b010 = 3.125 Gbaud
• Others: Reserved
It is a static signal.
Table 9: Power-Up Signals (Continued)
Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com