Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSI721 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # TSI721
Description  Table of Contents
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSI721 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button TSI721 Datasheet HTML 26Page - Renesas Technology Corp TSI721 Datasheet HTML 27Page - Renesas Technology Corp TSI721 Datasheet HTML 28Page - Renesas Technology Corp TSI721 Datasheet HTML 29Page - Renesas Technology Corp TSI721 Datasheet HTML 30Page - Renesas Technology Corp TSI721 Datasheet HTML 31Page - Renesas Technology Corp TSI721 Datasheet HTML 32Page - Renesas Technology Corp TSI721 Datasheet HTML 33Page - Renesas Technology Corp TSI721 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Tsi721 Datasheet
30
April 4, 2016
Integrated Device Technology
3.5
DC Operating Characteristics
The following table lists the DC operating characteristics for 3.3V LVTTL of the Tsi721.
The following table lists the DC operating characteristics for 2.5V LVTTL of the Tsi721.
Table 15: 3.3V LVTTL DC Operating Characteristics at Recommended Operating Condition of 3.3V
Symbol
Parameter
Minimum
Maximum
Units
VIH
LVTTL input high voltage
2.0
3.6
V
VIL
LVTTL input low voltage
-0.3
0.8
V
VOH
LVTTL output high voltage
2.4
-
V
VOL
LVTTL output low voltage
-
0.4
V
R pull-up
Resistor pull-up
26K
64K
Ohm
R pull-down
Resistor pull-down
29K
79K
Ohm
CPAD
LVTTL pad capacitance
-
4
pF
Table 16: 2.5V LVTTL DC Operating Characteristics at Recommended Operating Condition of 2.5V
Symbol
Parameter
Minimum
Maximum
Units
VIH
LVTTL input high voltage
1.7
3.6
V
VIL
LVTTL input low voltage
-0.3
0.7
V
VOH
LVTTL output high voltage
1.7
-
V
VOL
LVTTL output low voltage
-
0.7
V
R pull-up
Resistor pull-up
33K
93K
Ohm
R pull-down
Resistor pull-down
34K
108K
Ohm
CPAD
LVTTL pad capacitance
-
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com