Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 25Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 26Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 27Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 28Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 31Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 32Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 555 page
background image
Revision 0.8
29
www.national.com
Signal Definitions (Continued)
2.1.2
Boot Options
Two balls on the device, L2 and L3, the Boot Options Select
balls (BOS[1:0]), serve to specify the location of the boot
device as the system undergoes a full reset. Since boot
devices may reside in Flash or on an IDE device, the
IDE/Flash interface is necessarily selected as operating in
one of the two modes by the Boot Options. After Reset, the
function of these interfaces may be changed with the Ball
Options MSR (see Section 2.1.3 "Ball Options"). Both
these balls are multiplexed with other functions as identi-
fied in Section 2.2.7 "Audio Codec 97 Interface" on page 41
and function as BOS[1:0] only when RESET_OUT# is
asserted. Table 2-5 indicates how these two balls should
be configured to select the desired boot device. Both balls
contain an internal pull-up, active only during reset, so if a
ball is required to be high during this time, it may be left
unconnected. If a ball is desired to be low during reset, a
pull-down (i.e., not a hard tie to ground) should be added.
During reset, both balls’ output drivers are in the TRI-
STATE mode.
2.1.3
Ball Options
Table 2-6 shows the Ball Options MSR (DIVIL MSR
51400015h), through which the function of certain groups
of multiplexed balls may be dynamically changed after the
reset period ends. Specifically, the functions LPC/GPIO
and IDE/Flash groups are selected, and certain individual
balls, as specified in the MSR, are controlled.
Table 2-5. Boot Options Selection
BOS1
(Ball L2)
BOS0
(Ball L3)
Description
00
Boot from Memory Device on the LPC Bus. IDE pins come up connected to IDE Control-
ler (see Section 2.2.3 "IDE/Flash Interface Signals" on page 35 and Table 2-6
"DIVIL_BALL_OPT" on page 29).
01
Reserved.
10
Boot from NOR Flash on the IDE Bus. IDE pins come up connected to Flash Controller
(see Section 2.2.3 "IDE/Flash Interface Signals" on page 35 and Table 2-6
"DIVIL_BALL_OPT" on page 29).
NOR Flash, ROM, or other random access devices must be connected to “FLASH_CS_3”.
11
Boot from Firmware Hub on the LPC Bus. IDE pins come up connected to IDE Control-
ler (see Section 2.2.3 "IDE/Flash Interface Signals" on page 35 and Table 2-6
"DIVIL_BALL_OPT" on page 29).
Table 2-6. DIVIL_BALL_OPT
Bit
Name
Description
31:12
RSVD
Reserved. Reads always return 0. Writes have no effect; by convention, always write 0.
11:10
SEC_BOOT_LOC
Secondary Boot Location. Determines which chip select asserts for addresses in the
range F00F0000h to F00F3FFFh. Defaults to the same value as boot option:
00: LPC ROM.
01: Reserved .
10: Flash.
11: FirmWare Hub.
9:8
BOOT_OP_
LATCHED(RO)
Latched Value of Boot Option (Read Only). For values, see Table 2-5 "Boot Options
Selection" on page 29.
7
RSVD
Reserved. Reads return value written. By convention, always write 0. Defaults low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com