Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 67Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 68Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 69Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 70Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 71Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 72Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 73Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 74Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 555 page
background image
Revision 0.8
71
www.national.com
Global Concepts and Features (Continued)
3.8.4
MSR Address 3: Error Control
Each GeodeLink Device within the CS5535 can generate
errors. Furthermore, these errors are controlled via the
Standard
GeodeLink
Device
Error
MSR
(GLD_MSR_ERROR) located at MSR Address 3 within
each
GLD.
The
register
is
organized
just
like
GLD_MSR_SMI, that is, the lower 32 bits contain Enable
(EN) bits, while the upper 32 bits contain Flag (FLAG) bits
(see Table 3-8 on page 67). The EN and FLAG bits are
organized in pairs of (n, n+32). For example: (0,32); (1,33);
(2,34); etc. The Error MSR is used to control and report
errors.
The SMI concepts of direct asynchronous and synchro-
nous carry over into similar error concepts. However, there
is no concept of an in-direct error. At each GeodeLink
Device, all of the Error FLAG bits are ORed together to
form the Error signal. The Error is routed through the GLIU
where it is ORed with all other device Errors to form the
CS5535 Error signal. This signal is routed to the GLCP for
debug purposes.
Only the GLIU is capable of generating synchronous errors
that utilize the Exception (EXCEP) bit of the associated
response packet. All other CS5535 GeodeLink Devices
only generate asynchronous errors.
3.8.5
MSR Address 4: Power Management
All the power management MSRs (GLD_MSR_PM) con-
form to the model illustrated in Table 3-10. The power and
I/O mode functions are completely independent other than
sharing the same MSR. The GLD_MSR_PM fields have
the following definitions:
• Power Mode for Clock Domains:
— 00: Disable clock gating. Clocks are always on.
— 01: Enable active hardware clock gating. Clock goes
off whenever this module’s circuits are not busy.
—10: Reserved.
—11: Reserved.
• I/O Mode (Applies only to GLPCI_SB and ATAC
modules, see Table 3-11 and Table 3-12 for a list of
controlled signals):
— 00: No gating of I/O cells during a Sleep sequence
(Default).
— 01: During a power management Sleep sequence,
force inputs to their non-asserted state when
PM_IN_SLPCTL is enabled.
— 10: During a power management Sleep sequence,
force inputs to their non-asserted state when
PM_IN_SLPCTL is enabled, and park (force) outputs
low when PM_OUT_SLPCTL is enabled.
— 11: Immediately and unconditionally, force inputs to
their not asserted state, and park (force) outputs low.
The PMC controls when the PCI/IDE inputs and outputs
(listed in Table 3-11 and Table 3-12) are asserted and de-
asserted. The PM_OUT_SLPCTL (PMS I/O Offset 0Ch)
and PM_IN_SLPCTL (PMS I/O Offset 20h) registers pro-
vide the global control of the PCI/IDE I/Os. The IO_MODE
bits individually control PCI (GLPCI_SB GLD_MSR_PM
Table 3-10. MSR Power Management Model
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
IO
MODE
H
IO
MODE
G
IO
MODE
F
IO
MODE
E
IO
MODE
D
IO
MODE
C
IO
MODE
B
IO
MODE
A
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
Table 3-11. Sleep Driven PCI Signals
Signal
Ball No.
Direction
C/BE[3:0]#
R6, T9, U11,
U14
Pad driven to 0. Internal
logic sees logic 1.
DEVSEL#
R11
Pad driven to 0. Internal
logic sees logic 1.
FRAME#
U9
Pad driven to 0. Internal
logic sees logic 1.
TRDY#
T10
Pad driven to 0. Internal
logic sees logic 1.
IRDY#
R10
Pad driven to 0. Internal
logic sees logic 1.
STOP#
T11
Pad driven to 0. Internal
logic sees logic 1.
PAR
U10
Pad driven to 0. Internal
logic sees logic 1.
REQ#
T1
Pad driven to 0.
GNT#
R1
Pad TRI-STATE. Internal
logic sees logic 0.
Table 3-11. Sleep Driven PCI Signals
Signal
Ball No.
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com