Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 61Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 62Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 63Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 64Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 65Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 555 page
background image
www.national.com
62
Revision 0.8
Global Concepts and Features (Continued)
3.7.7
Legacy I/O Decoding
Table 3-6 details the legacy I/O range for 000h through
4FFh. Each I/O location has a read/write (R/W) capability.
Note the following abbreviations:
---
Unknown or can not be determined.
Yes
Read and Write the register at the indicated
location. No shadow required.
WO
Write only. Value written can not be read back.
Reads do not contain any useful information.
RO
Read only. Writes have no effect.
Shw
The value written to the register can not be read
back via the same I/O location.
Read back is accomplished via a “Shadow”
register located in MSR space.
Shw@
Reads of the location return a constant or
meaningless value.
Shw$
Reads of the location return a status or some
other meaningful information.
Rec
Writes to the location are “recorded” and written
to the LPC.
Reads to the location return the recorded value.
The LPC is not read.
Table 3-5. Diverse Device Space Map Except Legacy I/O
Device
MSR Space (Note 1)
I/O Space
Memory Space
DD
Standard GeodeLink Device
MSRs plus:
SMB LBAR, ACPI LBAR,
PM LBAR, GPIO LBAR,
MFGPT LBAR, NAND LBAR,
KEL LBAR, KEL LBAR,
IRQ Mapper LBAR,
Legacy Controls,
DMA Mappers,
Shadow Registers,
LPC Controls, and
Memory Mask.
NOR Flash address control.
Located by associated LBAR.
Defaults disabled.
008 Bytes SMB,
016 Bytes ACPI,
064 Bytes PM Support,
256 Bytes GPIO and ICFs,
064 Bytes MFGPTs,
016 Bytes NAND Flash, and
032 Bytes IRQ Mapper.
All I/O that does not hit one of the
items above and does not hit a
legacy address, is directed to the
LPC bus.
16-Byte KEL Host Controller reg-
ister set at LBAR. Defaults dis-
abled.
NOR Flash per LBAR.
All other memory accesses are
directed to the LPC bus.
Note 1. See Section 3.8 "Standard GeodeLink Device MSRs" on page 67 for register descriptions.
Table 3-6. Legacy I/O: 000h-4FFh
I/O Addr.
Function
Size
R/W
Comment
000h
Slave DMA Address - Channel 0
8-bit
Yes
16-bit values in two transfers.
001h
Slave DMA Counter - Channel 0
8-bit
Yes
16-bit values in two transfers.
002h
Slave DMA Address - Channel 1
8-bit
Yes
16-bit values in two transfers.
003h
Slave DMA Counter - Channel 1
8-bit
Yes
16-bit values in two transfers.
004h
Slave DMA Address - Channel 2
8-bit
Yes
16-bit values in two transfers.
005h
Slave DMA Counter - Channel 2
8-bit
Yes
16-bit values in two transfers.
006h
Slave DMA Address - Channel 3
8-bit
Yes
16-bit values in two transfers.
007h
Slave DMA Counter - Channel 3
8-bit
Yes
16-bit values in two transfers.
008h
Slave DMA Command/Status - Channels [3:0]
8-bit
Shw$
009h
Slave DMA Request - Channels [3:0]
8-bit
WO
Reads return value B2h.
00Ah
Slave DMA Mask - Channels [3:0]
8-bit
Shw@
Reads return value B2h.
00Bh
Slave DMA Mode - Channels [3:0]
8-bit
Shw@
Reads return value B2h.
00Ch
Slave DMA Clear Pointer - Channels [3:0]
8-bit
WO
Reads return value B2h.
00Dh
Slave DMA Reset - Channels [3:0]
8-bit
WO
Reads return value B2h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com