Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 39Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 40Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 41Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 42Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 43Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 44Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 45Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 46Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 555 page
background image
Revision 0.8
43
www.national.com
Signal Definitions (Continued)
Note 3.
Applications incorporating a CRT often require support for the Display Data Channel (DDC) serial interface. These particular
GPIOs have open collector SMB I/O buffer types required by the DDC interface specification. The DDC protocol supplied by Na-
tional is provided via software implementation and defaults to these GPIOs. However, any design not needing strict DDC electrical
support can use other GPIOs. Lastly, applications not incorporating DDC use at all may use these GPIOs without restriction.
Note 4.
Internal signal is active high. Use GPIO invert for active low external.
Note 5.
When both AUX_IN and AUX_OUT are enabled, I/O direction on this ball is controlled by the SMB Controller.
Note 6.
Defaults to LPC use. Use Ball Options MSR (see Table 2-6 on page 29) to switch this ball to GPIO control.
Note 7.
Any GPIO can be used as a Power Management Event (PME) wakeup input without restriction. PMEs are supported for both
Sleep and Standby wakeup. However, if Standby wakeup is desired, a GPIO on the Standby power domain must be used. Only
GPIO[24:28] are supplied via the Standby Power Rail and are typically used as follows:
GPIO24 - Auxiliary Working Power Control
GPIO25 - Low Battery Alarm
GPIO26 - PME
GPIO27 - MFGPT setup to provide a blink
GPIO28 - Power Button
Depending on application use, the PME function could be moved to GPIO[24:27]. If only external PME wakeup from Sleep is
required, the PME function could be moved to GPIO[0:23]. Lastly, the PME function could simply not be used, making more
GPIOs available for other uses.
Note 8.
GPIOH_IN_EN (GPIO Offset A0h) and GPIOH_IN_AUX1_SEL (GPIO Offset B4h) are enabled.
Note 9.
Reset default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com