Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 31Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 32Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 33Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 34Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 35Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 36Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 555 page
background image
Revision 0.8
33
www.national.com
Signal Definitions (Continued)
2.2.2
PCI Interface Signals (Note 1)
Signal Name
Ball No.
Type
Description
PCI_CLK
U4
I
PCI Clock. 33 MHz or 66 MHz.
AD[31:0]
U1, T3, U3,
R4, T4, R5,
T5, U5, T6,
U6, R7, T7,
U7, R8, T8,
U8, R12,
T12, U12,
R13, T13,
U13, R14,
T14, P15,
R15, T15,
P16, T16,
R16, T17,
R17
I/O
PCI Address/Data. AD[31:0] is a physical address during the first
clock of a PCI transaction; it is the data during subsequent clocks.
When the CS5535 is a PCI master, AD[31:0] are outputs during the
address and write data phases, and are inputs during the read data
phase of a transaction.
When the CS5535 is a PCI slave, AD[31:0] are inputs during the
address and write data phases, and are outputs during the read data
phase of a transaction.
C/BE[3:0]#
R6, T9,
U11, U14
I/O
PCI Bus Command and Byte Enables. During the address phase of
a PCI transaction, when FRAME# is active, C/BE[3:0]# define the bus
command. During the data phase of a transaction, C/BE[3:0]# are the
data byte enables.
C/BE[3:0]# are outputs when the CS5535 is a PCI master and inputs
when it is a PCI slave.
PAR
U10
I/O
PCI Parity. PAR is the parity signal driven to maintain even parity
across AD[31:0] and C/BE[3:0]#.
The CS5535 drives PAR one clock after the address phase and one
clock after each completed data phase of write transactions as a PCI
master. It also drives PAR one clock after each completed data phase
of read transactions as a PCI slave.
FRAME#
U9
I/O
PCI Cycle Frame. FRAME# is asserted to indicate the start and dura-
tion of a transaction. It is de-asserted on the final data phase.
FRAME# is an input when the CS5535 is a PCI slave.
Normally connected to a 10k to15k
Ω external pull-up. This signal is
TRI-STATE after reset.
DEVSEL#
R11
I/O
PCI Device Select. DEVSEL# is asserted by a PCI slave, to indicate
to a PCI master and subtractive decoder that it is the target of the cur-
rent transaction.
As an input, DEVSEL# indicates a PCI slave has responded to the
current address.
As an output, DEVSEL# is asserted one cycle after the assertion of
FRAME# and remains asserted to the end of a transaction as the
result of a positive decode. DEVSEL# is asserted four cycles after the
assertion of FRAME# if DEVSEL# has not been asserted by another
PCI device when the CS5535 is programmed to be the subtractive
decode agent.
Normally connected to a 10k to 15k
Ω external pull-up. This signal is
TRI-STATE after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com