Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 45Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 46Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 47Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 48Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 49Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 50Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 51Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 52Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 555 page
background image
Revision 0.8
49
www.national.com
Signal Definitions (Continued)
2.2.10 Power, Ground, and No Connects (Note 1)
Note 1. For module specific power and ground signals see:
Section 2.2.1 "System Interface Signals" on page 31.
Section 2.2.4 "USB Interface" on page 38.
Signal Name
Ball No.
Type
Description
VCORE
D8, D10,
H4, H14,
K4, K14,
P8, P10
PWR
1.5V (Nominal) Core Power Working Connection (Total of 8)
VCORE_VSB
A7
PWR
1.5V (Nominal) Core Power Standby Connection
VIO
D4, D6, D9,
D12, D14,
F4, F14,
M4, M14,
P4, P6, P9,
P12, P14
PWR
3.3V (Nominal) I/O Power Connection (Total of 14)
VIO_VSB
B6
PWR
3.3V (Nominal) I/O Power Standby Connection
VSS
D5, D7,
D11, D13,
E4, E14,
G4, G14,
J4, J14, L4,
L14, N4,
N14, P5,
P7, P11,
P13
GND
Ground Connection (Total of 18)
NC
A2, A16,
B1, B4, B5,
C11, G15,
H15, J15,
K15, L15,
M15, R3,
R9, T2, U2,
U15, U16,
U17
---
No Connection (Total of 19). These lines must be left disconnected.
Connecting any or these lines to a pull-up/-down resistor, an active
signal, power, or ground could cause unexpected results and possible
malfunctions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com