Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 40Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 41Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 42Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 43Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 44Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 45Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 46Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 47Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 555 page
background image
www.national.com
44
Revision 0.8
Signal Definitions (Continued)
2.2.8.1
GPIO Functions and Recommended Usage
Functions listed in Table 2-9 are functions that may be assigned to specific GPIO balls. The “Ball No.” column gives the ball
that must be used if this function is selected, and the “GPIOx” column gives the GPIO that the function is associated with.
Table 2-9. GPIOx Available Functions Descriptions
Function Name
Ball
No.
GPIO[x]
Type
Description
32KHZ
C8
GPIO27
O
32 kHz Clock. When invoked, this ball produces a buffered output
of the 32 kHz clock provided on the 32kHz XCI and XCO pins.
This option is invoked by selecting the AUX_OUT_2 option of
GPIO27. Note that since GPIO27 is in the Standby power domain,
the 32 kHz clock output will continue in Sleep and Standby states.
AC_BEEP
K3
GPIO1
O
Legacy PC/AT Speaker Beep. Connect to codec’s PC_BEEP.
DDC_SCL
E1
GPIO3
I/O
DDC Serial Clock. This is a “recommended use” for GPIO3,
because this is one of the few GPIOs that have a high drive capac-
ity, open-drain output. The serial clock function must be imple-
mented in software to support DDC monitors. There is no
dedicated DDC clock function within the CS5535.
DDC_SDA
E2
GPIO4
I/O
DDC Serial Data. This is a “recommended use” for GPIO4,
because this is one of the few GPIOs that have a high drive capac-
ity, open-drain output. The serial data function must be imple-
mented in software to support DDC monitors. There is no
dedicated DDC data function within the CS5535.
LOW_BAT#
A9
GPIO25
I
Low Battery Detect. This is a “recommended use” for GPIO25 in
battery-powered systems. It is invoked by setting GPIO25 to the
AUX_IN mode. The signal is intended to be driven low by an exter-
nal circuit when the battery voltage falls below a preset value
(determined by the external circuit). It could be used to generate a
PME (interrupt) - connected to LowBat function in the Power Man-
agement Controller that would then de-assert WORKING and
WORK_AUX, if no software action is taken within a programmable
time.
MFGPT0_C1
D3
GPIO5
O
Multi-Function General Purpose Counter #0 - Compare 1 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 1 registers.
MFGPT0_C2
K3
GPIO1
O
Multi-Function General Purpose Counter #0 - Compare 2 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 2 registers.
MFGPT0_RS
D2
GPIO6
I
Multi-Function General Purpose Counter #0 - Restart. An input
to the counter that causes it to be reset to initial conditions and
then to resume counting.
MFGPT1_C1
D2
GPIO6
O
Multi-Function General Purpose Counter #1 - Compare 1 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 1 registers.
MFGPT1_C2
A1
GPIO11
O
Multi-Function General Purpose Counter #1 - Compare 2 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 2 registers.
MFGPT1_RS
D3
GPIO5
I
Multi-Function General Purpose Counter #1 - Restart. An input
to the counter that causes it to be reset to initial conditions and
then to resume counting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com