Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 55Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 56Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 57Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 61Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 62Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 555 page
background image
Revision 0.8
59
www.national.com
Global Concepts and Features (Continued)
RESET_OUT# is de-asserted synchronous with the low-to-
high edge of PCI_CLK. The de-assertion is delayed from
internal_reset using a counter in the Power Management
Controller. This counter is driven by the 32 kHz clock and is
located in the Standby power domain. The value of the
counter is programmable but defaults to 0x0_0100 (256
edges). 31.25 µs per edge times 256 equals an 8 ms delay.
Note
this
counter
default
is
established
by
RESET_STAND# and is not effected by RESET_WORK#.
Therefore, the delay value may be changed and then the
system can be reset with the new value.
Note the special consideration for TAP Controller reset.
When boundary scan is being performed, internal compo-
nent operation is not possible due to the scanning signals
on the I/Os. Under this condition, it is desirable to hold the
component internals in reset while the boundary scan is
being performed by the TAP Controller. However, under
normal operation, it is desirable to reset the TAP Controller
with the other logic in the Working domain during power
management sequences.
Achieving these dual goals is accomplished as follows:
For boundary scan:
• Assert RESET_STAND#, causing internal
power_good_standby to go low. This causes the
complete component to reset, except for the TAP
Controller. Keep this input held low throughout boundary
scan operations.
• Assert and de-assert RESET_WORK# as needed to
reset the TAP Controller.
For normal operation:
• The internal Power Good Standby will be high, meaning
the TAP Controller reset asserts any time the Standby
state is active or anytime RESET_WORK# is active.
Figure 3-6. Reset Logic
Faulted
Event
Capture
Power
Manage
Standby
State
Controller
Faulted
Event
Status
& immediately
enter Standby
state
unconditionally
Fail-safe Power Off Alarm
Thermal Alarm
Low Power Alarm
Shutdown Special Cycle
MFGPT WATCHDOG
DD Bad Packet
GLCP Soft Reset
DD Soft Reset
Working Power Fail
RESET_WORK#
Normal Software Request for Standby State
working
work_aux
standby_state
32kHZ_CLK
De-assert
Delay
PCI_CLK
DQ
RESET_OUT#
LVD
(Low
Voltage
Detect)
VCORE
VCORE_VSB
VIO_VSB
RESET_STAND#
ATA
Controller
IDE_RESET#
Internal Reset
to all Working
Domain Logic
except TAP
Controller
Power Good Working
Power Good Standby
(Standby Domain Reset When Low)
TAP Controller Reset
standby_state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com