Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 9Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 10Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 11Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 12Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 13Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 14Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 15Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 16Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 555 page
background image
Revision 0.8
13
www.national.com
Architecture Overview (Continued)
1.1
GEODELINK PCI SOUTH BRIDGE
The GeodeLink PCI South Bridge (GLPCI_SB) provides a
PCI interface for the CS5535. It acts as a PCI master or
slave in providing PCI transactions to and from the CS5535
and the PCI bus. A special serial interface to the GX2 pro-
cessor, the CPU Interface Serial (CIS), is provided that
assists in the transfer of information between the CS5535
and the GX2.
The interface is complaint to PCI specification v2.2 and
may operate at up to 66 MHz. Optional bus signals PERR#,
SERR#, LOCK#, and CLKRUN are not implemented.
Within a PCI burst, zero wait state operation is achieved.
The PCI interface supports programmable IDSEL selec-
tion, and can handle inbound transactions immediately
after system reset.
1.2
GEODELINK CONTROL PROCESSOR
The GeodeLink Control Processor is responsible for debug
support and monitors system clocks in support of PMC
operations.
The GLCP interfaces with a JTAG compatible Test Access
Port (TAP) Controller that is IEEE 1149.1 compliant. During
debug, it can be used to pass GeodeLink packets to/from
the GLIU. It is also used to support manufacturing test.
1.3
ATA-5 CONTROLLER
The CS5535 integrates a fully-buffered, ATA-5 compliant
(UDMA/66) IDE interface. The IDE interface supports one
channel, which in turn supports two devices that can oper-
ate in PIO modes 1 to 4, MDMA modes 0 to 2, or UDMA/66
modes 0 to 4.
This interface is shared with the Flash interface, using the
same balls. The interface usage, immediately after reset, is
defined by the boot options selected (see Table 2-5 "Boot
Options Selection" on page 29). After reset, the interface
may be dynamically altered using the Ball Options MSR
(see Table 2-6 "DIVIL_BALL_OPT" on page 29).
The IDE interface provides a variety of features to optimize
system performance, including 32-bit disk access, post
write buffers, bus master, MDMA, look-ahead read buffer,
and prefetch mechanism.
The IDE interface timing is completely programmable. Tim-
ing control covers the command active and recover pulse
widths, and command block register accesses. The IDE
data transfer speed for each device on each channel can
be independently programmed allowing high-speed IDE
peripherals to coexist on the same channel as older, com-
patible devices.
The CS5535 also provides a software accessible buffered
reset signal to the IDE drive. The IDE_RST# signal is
driven low during reset to the CS5535 and can be driven
low or high as needed for device-power-off conditions.
1.4
UNIVERSAL SERIAL BUS CONTROLLERS
The CS5535 provides four USB ports, controlled by two
independent controllers (USBC1 and USBC2) for 2x
enhanced system performance. There are two ports asso-
ciated with each controller for a total of four. Separate
power and ground pins for the transceivers are provided to
accommodate various system designs and provide supe-
rior noise immunity. Each pair of ports has an associated
power control line, and there is a common over-current
sense line for all four ports, compatible with National’s
LM3526 dual-port USB power switch. The controllers are
OpenHost Controller Interface (OHCI) v1.0 compliant, and
the ports adhere to the USB v1.1 specification, with exter-
nal crimp protection diodes.
1.5
AUDIO CODEC 97 (AC97) CONTROLLER
The audio subsection of the CS5535 consists of three 32-
bit stereo-buffered bus masters (two for output, one for
input) and five 16-bit mono-buffered bus masters (three for
output, two for input), whose function is to transport audio
data between system memory and external AC97 codecs.
This arrangement is capable of producing multi-channel
5.1 surround sound (left, center, right, left rear, right rear,
and low frequency effects).
The codec interface is AC97 v2.1 compliant and contains
Serial In (x2), Serial Out, Sync Out, and Bit Clock allowing
support for any AC97 codec with Sample Rate Conversion
(SRC). Additionally, the interface supports the industry-
standard 16-bit pulse code modulated (PCM) format.
1.6
DIVERSE DEVICE
A suite of 82xx devices provide all the legacy PC function-
ality required by most designs, including two PICs (pro-
grammable interrupt controllers), one PIT (programmable
interval timer) with three channels, and DMA (direct mem-
ory
access)
functions.
The
CS5535
contains
eight
MFGPTs (multi-function general purpose timers) that can
be used for a variety of functions. A number of GPIOs (gen-
eral-purpose input/outputs) are provided, and are assigned
to system functions on power-up (i.e., LPC port); each of
these may be reassigned and given different I/O character-
istics such as debounce, edge-triggering, and so forth.
The Diverse Integration Logic (DIVIL) holds the devices
together and provides overall control and management via
MSRs.
1.6.1
Legacy DMA
The CS5535 DMA controller consists of two cascaded
8237A-type DMA controllers that together support four 8-
bit channels. The DMA controller is used to provide high
speed transfers between internal chip sources. It has full
32-bit address range support via high-page registers. An
internal mapper allows routing of any of seven internal
DMA sources to the four 8-bit DMA channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com