Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 41Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 42Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 43Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 44Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 45Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 46Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 47Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 48Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 555 page
background image
Revision 0.8
45
www.national.com
Signal Definitions (Continued)
MFGPT2_C1
C2
GPIO7
O
Multi-Function General Purpose Counter #2 - Compare 1 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 1 registers.
MFGPT2_C2
D2
GPIO6
O
Multi-Function General Purpose Counter #2 - Compare 2 Out.
Output from the counter that, when asserted, indicates the counter
has reached the conditions set up in the counter’s Compare 2
registers.
MFGPT2_RS
G2
GPIO21
I
Multi-Function General Purpose Counter #2 - Restart. An input
to the counter that causes it to be reset to initial conditions and
then to resume counting.
MFGPT7_C1
C8
GPIO27
O
Multi-Function General Purpose Counter #7 - Compare 1 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 1 registers.
MFGPT7_C2
A9
GPIO25
O
Multi-Function General Purpose Counter #7 - Compare 2 Out.
An output from the counter that, when asserted, indicates the
counter has reached the conditions set up in the counter’s
Compare 2 registers.
MFGPT7_RS
B7
GPIO26
I
Multi-Function General Purpose Counter #7 - Restart. An input
to the counter that causes it to be reset to initial conditions and
then to resume counting.
PCI_INTA#
R2
GPIO0
I
PCI Interrupt A. This is a “recommended use” for GPIO0,
because this GPIO has a PCI-compatible output type.
PCI_INTB#
C2
GPIO7
I
PCI Interrupt B. This is a “recommended use” for GPIO7,
because this GPIO has a PCI-compatible output type.
PME#
B7
GPIO26
I
Power Management Event. This is a “recommended use” for
GPIO26. By mapping this GPIO (or any other) to the PME# func-
tion, the CS5535 may be awakened from a Sleep state when the
mapped ball (in the recommended case, ball B7) is pulled low.
Table 2-9. GPIOx Available Functions Descriptions (Continued)
Function Name
Ball
No.
GPIO[x]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com