Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 82Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 83Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 84Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 85Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 86Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 87Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 88Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 89Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 555 page
background image
ACC Functional Description (Continued)
www.national.com
86
Revision 0.8
Slot 12: GPIO Status
This slot returns the pin status of the AC97 codec’s GPIO
pins (if implemented).
bits [19:4]
Value of the GPIO pins
(Up to 16 can be implemented)
bits [3:1]
Reserved
bit 0
GPIO_INT input pin event interrupt
(1 = Event; 0 = No Event)
Bit[0] indicates that there was a transition on one of the
unmasked codec GPIO pins (see AC97 Codec Specifica-
tion v2.1 for details). If the Codec GPIO Interrupt Enable bit
is set, then slot 12, bit[0] = 1 will trigger an IRQ and set the
Codec GPIO Interrupt Flag bit.
4.3.5
AC Link Power Management
4.3.5.1
AC Link Power-down
The AC Link interface signals can be placed in a low power
mode by programming the AC97 codec’s Power-down Con-
trol/Status register. When this is performed, both the
AC_CLK and AC_S_IN are brought to a low voltage level
by the AC97 codec. This happens immediately following
the write to the AC97 codec’s Power-down Control/Status
register, so no data can be transmitted in slots 3-12 for the
frame signaling power-down. After powering down the AC
Link, the ACC must keep AC_S_SYNC and AC_S_OUT
low; hence, all the AC Link signals (input and output) are
driven low.
AC_CLK is de-asserted at the same time that bit[4] of slot 2
is being transmitted on the AC Link. This is necessary
because the precise time when the codec stops AC_CLK is
not known.
4.3.5.2
AC Link Wakeup (Warm Reset)
A warm reset re-activates the AC Link without altering the
registers in the AC97 codec. The ACC signals the warm
reset by driving AC_S_SYNC high for a minimum of 1 µs in
the absence of the AC_CLK. This must not occur for a min-
imum of four audio frame periods following power-down
(note that no bit clock is available during this time).
AC_S_SYNC is normally a synchronous signal to AC_CLK,
but when the AC97 codec is powered down, it is treated as
an asynchronous wakeup signal. During wakeup, the AC97
codec does not re-activate the bit clock until AC_S_SYNC
is driven high (for 1 µs minimum) and then low again by the
ACC. Once AC_S_SYNC is driven low, AC_CLK is re-
asserted.
See "Audio Driver Power-up/down Programming Model" on
page 90 for additional power management information and
programming details.
4.3.6
Bus Mastering Buffer Scheme
Because the bus masters must feed data to the codec with-
out interruption, they require a certain amount of data buff-
ering.
The 32-bit bus masters (stereo) use 24 bytes of buffer
space, and the 16-bit bus masters (mono) use 20 bytes of
buffer space. A bus master will always do buffer fill/empty
requests whenever it can transfer 16 bytes of data. It will
attempt to do transfers of 16 bytes on a 16-byte boundary,
whenever possible. A bus master may do a transfer of more
(if it is just starting, and sufficient buffer space is available)
or less than 16 bytes (to bring itself onto a 16-byte bound-
ary). It may also do a transfer of less than 16 bytes if the
size of the physical memory region causes it to end on a
non-16 byte boundary.
Some important details on how a bus master behaves:
• When an outgoing bus master is enabled, it begins
sending data over the AC Link as soon as data is avail-
able in its buffer. The slot valid tag for its slot will be
asserted beginning with the first audio sample.
• When a bus master is disabled while operating, any data
in its buffer is lost. Re-enabling the bus master begins
by fetching a PRD.
• If the bus master is paused during recording or play-
back, the data in its buffer remains there in a frozen
state. Once resumed, it continues as if nothing has
occurred. If the bus master is playing back data, the
output slots corresponding to the bus master are tagged
invalid while it is in the paused state.
• If a buffer underrun occurs on an outgoing bus master,
the output slots corresponding to the bus master are
tagged invalid until data becomes available.
• If a buffer overrun occurs on an incoming bus master,
samples coming in on the serial link are tossed away
until space becomes available in the bus master’s buffer.
4.3.7
ACC Software Programming
4.3.7.1
Physical Region Descriptor (PRD) Table
Address Register
Before a bus master starts a transfer it must be pro-
grammed with a pointer to a Physical Region Descriptor
(PRD) table. This is done by writing to the bus master’s
PRD Table Address register. This pointer sets the starting
memory location of the PRD table. The PRDs in the PRD
table describe the areas of memory that are used in the
data transfer. The table must be aligned on a 4-byte bound-
ary (DWORD aligned).
4.3.7.2
Physical Region Descriptor Format
Each physical memory region to be transferred is
described by a PRD as illustrated in Table 4-6 on page 87.
The PRD table must be created in memory by software
before the bus master can be activated. When the bus
master is enabled by setting its Bus Master Enable bit, data
transfer begins, with the PRD table serving as the bus mas-
ter’s “guide” for what to do. The bus master does not cache
PRDs.
A PRD entry in the PRD table consists of two DWORDs.
The first DWORD contains a 32-bit pointer to a buffer to be
transferred (Memory Region Base Address). The second
DWORD contains control flags and a 16-bit buffer size
value. The maximum amount of audio data that can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com