Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 52Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 53Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 54Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 55Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 56Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 57Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 555 page
background image
www.national.com
56
Revision 0.8
Global Concepts and Features (Continued)
3.4
EMBEDDED PCI ADAPTER (PA)
A GeodeLink Device with an embedded PCI bus is illus-
trated in Figure 3-5. Note the similarity with Figure 3-4
"Typical CS5535 GeodeLink Device" on page 55. The only
difference is the PCI Adapter (PA) located in the center of
the figure. The PA allows a module designed for the PCI
bus to be easily embedded in a GeodeLink architecture. It
is used to embed the USB core into the GeodeLink archi-
tecture.
The PA provides the following features:
• Converts GLA Local Bus transactions to/from PCI bus
transactions.
• Provides PCI bus configuration transactions from GLD
MSR transactions.
• Performs PCI bus protocol checking and sets the GLD
Error Flag if appropriate.
• Capable of responding to both single data phase as well
as burst transactions.
• Closely follows the functioning of the GLA.
• Capable of issuing retries to the master when the Local
bus side is taking too long to complete the current trans-
action.
• Safely handles all the error conditions possible during
normal and configuration PCI transactions.
Using the Virtual PCI Configuration Space (see Section 3.1
"GeodeLink Architecture Overview" on page 50), the Core
BIOS lifts this embedded physical interface into the multi-
function PCI configuration space header mentioned previ-
ously.
Figure 3-5. CS5535 GeodeLink Device With Embedded PCI Bus
MSRs
Native
Block
(NB)
Native
Block
Registers
PCI
Adapter
(PA)
Reg In
Data In
Reg Out
Data Out
Diag
ASMI
ERR
CCU
CCU
CCU
Local
Bus
Interface
GeodeLink Device
Side-band signals to other Native Blocks
External Device Interface
I/O
Cells &
Pads
GL
Adapter
(GLA)
Embedded
PCI Bus
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com