Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 10Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 11Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 12Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 13Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 14Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 15Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 16Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 17Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 555 page
background image
www.national.com
14
Revision 0.8
Architecture Overview (Continued)
1.6.2
Programmable Interval Timers - Legacy Timers
The Programmable Interval Timer (PIT) generates pro-
grammable time intervals from the divided clock of an
external clock input. The PIT is an 8254-style timer that
contains
three
16-bit
independently
programmable
counters. A 14.318 MHz external clock signal (from a crys-
tal oscillator or a clock chip) is divided by 12 to generate
1.19 MHz for the clocking reference of all three counters.
1.6.3
Programmable Interrupt Controller - Legacy
Interrupt
The Programmable Interrupt Controller (PIC) consists of
two 8259A-compatible programmable interrupt controllers
connected in cascade mode through interrupt number two.
Request mask capability and edge-level controls are pro-
vided for each of the 15 channels along with a 15-level pri-
ority controller.
An IRQ mapper takes up to 62 discrete interrupt request
(IRQ) inputs and maps or masks them to the 15 PIC inputs
and to one ASMI (asynchronous system management
interrupt). All 62 inputs are individually maskable and sta-
tus readable.
In addition to the above 8259A features, there are shadow
registers to obtain the values of legacy 8259A registers that
have not been historically readable.
1.6.4
Keyboard Emulation Logic - Legacy Support
Interface
The PS2 Keyboard Emulation Logic (KEL) provides a vir-
tual 8042 keyboard controller interface that may be used to
map non-legacy keyboard and mouse sources to this tradi-
tional interface. Flexible keyboard emulation logic allows
PS2 keyboard emulation traditionally used for USB legacy
keyboard emulation. For example, USB sources may be
‘connected’ to this interface via SMM (System Manage-
ment Mode) software. It also allows mixed environments
with one LPC legacy device and one USB device.
1.6.5
Universal Asynchronous Receiver Transmitter
and IR Port
Two
Universal
Asynchronous
Receiver
Transmitters
(UARTs) provide a system interface to the industry stan-
dard serial interface consisting of the basic transmit and
receive signals. One of the UARTs can be coupled with
infrared logic and be connected to an infrared sensor.
The UARTs are both 16550A and 16450 software-compati-
ble and contain shadow register support for write-only bit
monitoring. The ports have data rates up to 115.2 kbps.
Serial port 1 can be configured as an infrared communica-
tions port that supports Sharp-IR, Consumer-IR, and HP-
SIR as well as many popular consumer remote-control pro-
tocols.
1.6.6
System Management Bus Controller
The System Management Bus (SMB) Controller provides a
system interface to the industry standard SMB. The SMB
allows easy interfacing to a wide range of low-cost memory
and I/O devices, including: EEPROMs, SRAMs, timers,
ADC, DAC, clock chips, and peripheral drivers. These lines
are shared with two GPIOs and must be configured as
SMB ports in order for this interface to be functional.
The SMB is a two-wire synchronous serial interface com-
patible with the System Management Bus physical layer.
The SMB Controller can be configured as a bus master or
slave, and can maintain bidirectional communication with
both multiple master and slave devices. As a slave device,
the SMB Controller may issue a request to become the bus
master.
1.6.7
Low Pin Count Port
This port provides a system interface to the industry stan-
dard Low Pin Count (LPC) bus. The controller can convert
an internal Local bus memory or I/O cycle to an external
LPC cycle. It receives serial IRQs from the LPC and con-
verts them to parallel form so they can be routed to the IRQ
mapper. Lastly, it interacts with Legacy DMA logic to per-
form DMA between on-chip or off-chip DMA devices.
The LPC interface is based on the Intel’s Low Pin Count
(LPC) Interface specification v1.0. In addition to the
required signals/pins specified in the Intel specification, it
also supports two optional signals:
• LPC_DRQ# - LPC DMA Request
• LPC_SERIRQ - LPC Serial encoded IRQ
The LPC interface supports memory, I/O, DMA, and Intel’s
firmware hub interfaces.
1.6.8
General Purpose I/Os with Input Conditioning
Functions (ICF)
There are 32 GPIOs in the CS5535, 28 are externally avail-
able, that offer a variety of user-selectable configurations
including accessing auxiliary functions within the chip, and
input conditioning such as debounce and edge detect.
Register access is configured in such a way as to avoid
Read-Modify-Write operations; each GPIO may be directly
and independently configured.
Several groups of GPIOs are multiplexed between the LPC
Controller, the SMB Controller, access to the UARTs and
MFGPTs, and power management controls including sys-
tem power and Sleep buttons. Six of the GPIOs are in the
Standby power domain, giving them increased versatility as
wakeup event sources when only Standby power is
applied.
A GPIO interrupt and power management event (PME)
mapper can map any subset of GPIOs to the PICs (eight
interrupts available) or Power Management Subsystem
(eight events available).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com