Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 28Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 31Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 32Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 33Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 34Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 35Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 555 page
background image
www.national.com
32
Revision 0.8
Signal Definitions (Continued)
SUSP#
P3
O
Suspend. This signal goes low in response to events as determined
by the CS5535’s internal power management logic. It requests the
GX2 to enter the Suspend state. This is the default state for this ball at
reset. Not used in normal operation.
CIS
O
CPU Interface Serial. A 20-bit serial status word is output on this ball,
synchronized to PCI_CLK. Data changes on the rising edge and is
stable on the falling edge of PCI_CLK. This word is output whenever
one of the internally-monitored signals changes states. See Section
4.2.14 "CPU Interface Serial (CIS)" on page 79 for details. Used in
normal operation.
SUSPA#
N1
I
Suspend Acknowledge. This input signal is driven low by the GX2
processor when it has successfully entered the Suspend state.
IRQ13
K2
I
Interrupt Request Level 13. Floating Point error. Connect directly to
IRQ13 of the GX2 processor.
VBAT
A3
Wire
Real-Time Clock Battery Back-Up. Battery voltage on this ball
keeps the real-time clock and CMOS RAM circuits continuously pow-
ered.
If not used, tie to ground.
2.4-3.6V, typical 3.0V.
10 µA max.
5 µAs typical.
This ball incorporates a reverse bias protection diode on-chip.
There is no need for an external diode.
VSS_VBAT1
C4
AGND
Real-Time Clock Battery Grounds 1 and 2
VSS_VBAT2
B2
LVD_EN#
C7
Wire
Low Voltage Detect Enable. LVD_EN# enables/disables the on-chip
low voltage detect circuit. When disabled, the external subsystem
must assert RESET_STAND# as Standby power is applied and must
assert RESET_WORK# as Working power is applied. When LVD is
enabled, use of these two resets are optional. Generally,
RESET_STAND# would be tied high (not used) while
RESET_WORK# would be tied to a reset output that is typically avail-
able from the power supply. However, a system could just have a sim-
ple regulator circuit and also tie RESET_WORK# high.
Tie to VSS to enable. Tie to VIO_VSB to disable.
2.2.1
System Interface Signals (Continued)
Signal Name
Ball No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com