Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 92Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 93Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 94Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 95Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 96Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 97Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 98Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 99Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 555 page
background image
www.national.com
96
Revision 0.8
4.6
DIVERSE INTEGRATION LOGIC
The Diverse Integration Logic (DIVIL) connects a series of
Local bus devices to the GeodeLink architecture. Figure 4-
10 illustrates how the DIVIL (within the dashed lines) inter-
faces with the other devices of the Diverse Device. The
main blocks of the DIVIL are: Address Decode, Standard
MSRs, Local BARs, and Dataout Mux (DOM).
• Address Decode - Decodes the upper Local bus
address bits to select a target slave. Most of the legacy
devices have fixed addresses or are selectable between
a small number of selectable I/O addresses. However,
many of the functions are relocatable via a Local Base
Address Register (LBAR); established via an MSR.
Address Decode also detects special GLIU cycles, such
as Shutdown, and takes appropriate action.
Figure 4-10. Diverse Logic Block Diagram
GLIU Interface
RI
DI
DO
RO
8254 & Port B
(2) 8259A &
Kybd Emu &
System Mgmt
(2) UART & IR
IRQ Map
Port A
Bus Control
(2) 8237 &
LPC Bus
RTC & CMOS
DMA Map
Control
RAM
GPIO & ICF
MFGP Timers
Local Bus Interface
Pwr Mgmnt
NOR & NAND
Data Out
Data In
Flash Interfaces
and Control
External
I/O
Req/Ack
External
I/O
Address
External
I/O
External
I/O
External
I/O
Slave Addr
& Byte
Enables
RO Packet
Arguments
from MSR
Master Addr
& Byte
Enables
Local Bus
Handshake
Chip
Selects
Address Decode
and
Legacy Decode MSRs
Standard
MSRs
Local BARs,
Compares,
Address
Hits
*
GeodeLink Adapter
DIVIL
*Data Out Mux not shown.
and
Miscellaneous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com