Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 61Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 62Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 63Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 64Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 65Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 66Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 555 page
background image
Revision 0.8
63
www.national.com
Global Concepts and Features (Continued)
00Eh
Slave DMA Reset Mask - Channels [3:0]
8-bit
Shw@
Reads return value B2h.
00Fh
Slave DMA General Mask - Channels [3:0]
8-bit
Shw@
Reads return value B2h.
010h-01Fh
No Specific Usage
---
---
020h
PIC Master - Command/Status
8-bit
Shw$
021h
PIC Master - Command/Status
8-bit
Shw$
022h-03Fh
No Specific Usage
---
---
040h
PIT – System Timer
8-bit
Shw$
041h
PIT – Refresh Timer
8-bit
Shw$
042h
PIT – Speaker Timer
8-bit
Shw$
043h
PIT – Control
8-bit
Shw$
044h-05Fh
No Specific Usage
---
---
060h
Keyboard/Mouse - Data Port
8-bit
Yes
If KEL Memory Offset 100h[0] = 1
(EmulationEnable bit).
If MSR
5140001Fh[0] = 1 (SNOOP
bit) and KEL Memory Offset 100h[0]
= 0 (EmulationEnable bit).
061h
Port B Control
8-bit
Yes
062h-063h
No Specific Usage
---
---
064h
Keyboard/Mouse - Command/ Status
8-bit
Yes
If KEL Memory Offset 100h[0] = 1
(EmulationEnable bit).
If MSR
5140001Fh[0] = 1 (SNOOP
bit) and KEL Memory Offset 100h[0]
= 0 (EmulationEnable bit).
065h-06Fh
No Specific Usage
---
---
070h-071h
RTC RAM Address/Data Port
8-bit
Yes
Options per MSR 51400014h[0].
(Note 1)
072h-073h
High RTC RAM Address/Data Port
8-bit
Yes
Options per MSR 51400014h[1].
074h-077h
No Specific Usage
---
---
078h-07Fh
No Specific Usage
---
---
080h
Post Code Display
8-bit
Rec
Write LPC and DMA. Read only
DMA.
081h
DMA Channel 2 Low Page
8-bit
Rec
Upper addr bits [23:16]. Write LPC
and DMA. Read only DMA.
082h
DMA Channel 3 Low Page
083h
DMA Channel 1 Low Page
084h-086h
No Specific Usage
8-bit
Rec
Write LPC and DMA. Read only
DMA.
087h
DMA Channel 0 Low Page
8-bit
Rec
Upper addr bits [23:16]. Write LPC
and DMA. Read only DMA.
088h
No Specific Usage
8-bit
Rec
Write LPC and DMA. Read only
DMA.
089h
DMA Channel 6 Low Page
8-bit
Rec
Upper addr bits [23:16]. Write LPC
and DMA. Read only DMA.
08Ah
DMA Channel 7 Low Page
08B
DMA Channel 5 Low Page
Table 3-6. Legacy I/O: 000h-4FFh (Continued)
I/O Addr.
Function
Size
R/W
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com