Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 72Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 73Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 74Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 75Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 76Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 77Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 78Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 79Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 555 page
background image
www.national.com
76
Revision 0.8
4.2
GEODELINK PCI SOUTH BRIDGE
The GeodeLink PCI Bus South Bridge (GLPCI_SB) pro-
vides a PCI interface for GeodeLink Device based designs.
Its three major functions are:
1)
Acting as a PCI slave and transforming PCI transac-
tions to GLIU transactions as a GLIU master.
2)
Acting as a GLIU slave and transforming GLIU trans-
actions to PCI bus transactions as a PCI master.
3)
Providing a CPU serial interface that conveys system
information such as interrupts, SSMI, ASMI, etc.
Features include:
• PCI v2.2 compliance. Optional signals PERR#, SERR#,
LOCK#, and CLKRUN are not implemented.
• 32-bit, 66 MHz PCI bus operation and 64-bit, 66 MHz
GeodeLink Device operation.
• Target support for fast back-to-back transactions.
• Zero wait state operation within a PCI burst.
• MSR access mailbox in PCI configuration space.
• Capable of handling in-bound transactions after
RESET_OUT# + 2 clock cycles.
• Dynamic clock stop/start support for GeodeLink and PCI
clock domains via power management features.
• Programmable IDSEL selection.
• Support active decoding for Legacy I/O space 000h to
3FFh and DMA High Page 480h to 48Fh.
• Support subtractive decode for memory and I/O space.
• Special performance enhancements for fast IDE PIO
data transfers.
The GLPCI_SB module is composed of the following major
blocks:
• GeodeLink Interface
• FIFO/Synchronization
• Transaction Forwarding
• PCI Bus Interface
• CPU Interface Serial (CIS)
The GLIU and PCI bus interfaces provide adaptation to the
respective buses. The Transaction Forwarding block pro-
vides bridging logic. The CIS block provides serial output to
the CPU for any change in SSMI and the selected side-
band signals. Little endian byte ordering is used on all sig-
nal buses.
Figure 4-2 is a block diagram of the GLPCI_SB module.
Figure 4-2. GLPCI_SB Block Diagram
GeodeLink Interface
PCI Bus Interface
PCI Bus
Request
Request
Data
REQ# / GNT#
MSR
Transaction Forwarding
FIFOs/Synchronization
CIS
Side-band signals
GX2 CIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com