Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 65Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 66Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 67Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 68Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 69Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 70Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 71Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 72Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 555 page
background image
Revision 0.8
69
www.national.com
Global Concepts and Features (Continued)
8)
VSA sets EN[n] high. This action sets ASMI[n+1] high
again and causes another CS5535 ASMI.
9)
VSA begins to return to the process interrupted by the
original ASMI, but notes SMI into the processor is still
asserted and returns to step 3.
10) If there was no Event[Y] at any point above, return to
the interrupted process.
Note:
Step 5 above could occur at any time between step
2 and step 9, or the Event[Y] could come after step
10. Regardless, the same VSA approach is used in
order not to miss any events.
3.8.3.2
Apparent SSMI
An SSMI event is associated with an I/O space access to a
specific address or range of addresses. If SSMIs are
enabled for the given address, then the hardware traps or
blocks access to the target register. The actual register
write and/or read operation is not performed. Generally,
only write operations are trapped, but there are cases of
trapping writes and reads. The CS5535 does not support
SSMIs, however, the CS5535 supports a mechanism
called “Apparent SSMI” using ASMIs. (Hereafter “Apparent
SSMI” is referred to as “SSMI”.)
The CS5535 insures that the ASMI is taken on the I/O
instruction boundary. The ASMI reaches the CPU before a
target ready is signaled on the PCI bus. This action creates
an SSMI because the I/O instruction will not complete
before ASMI reaches the CPU. VSA software then exam-
ines the GLPCI_SB GLD_SMI_MSR to determine if an
SSMI has occurred from an I/O trap.
Figure 3-8. In-Direct ASMI Behavioral Model
Native Event
DQ
CI
+
FLAG Bit[x]
Clear_By_Software
DQ
CI
Set_By_Software
Clear_By_Software
Event
[X]
EN
Bit[m]
Other
FLAG Bits
SMI MSR
DQ
CI
+
FLAG Bit[n+1]
ASMI
[n+1]
GLD ASMI
Clear_By_Software
DQ
CI
Set_By_Software
Clear_By_Software
EN
Bit[n]
Other ASMI
FLAG Bits
Native Event
Summary Signal
(NESS)
Event
[X]
Register
OR
ALL
OR
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com