Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 33Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 34Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 35Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 36Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 37Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 38Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 39Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 40Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 555 page
background image
Revision 0.8
37
www.national.com
Signal Definitions (Continued)
2.2.3.2
Flash Controller Interface
Signal Name
Ball No.
Type
Description
NOR Flash / GPCS Mode
FLASH_CS[3:0]#
C12, A14,
C10, B10
O
Chip Selects. Combine with FLASH_RE#/WE# strobes to access
external NOR Flash devices or some simple devices such as UART.
CS3# is dedicated to a boot Flash device.
Note:
Ball A14 is the only ball that changes direction from IDE to
Flash (input when in IDE mode, output when in Flash mode).
If this interface is to be switched between IDE and Flash
modes, then ball A14 needs an external pull-up to keep it high
during IDE mode.
FLASH_RE#
B13
O
Read Enable Strobe. This signal is asserted during READ operations
from the NOR array.
FLASH_WE#
C13
O
Write Enable Strobe. This signal is asserted during WRITE opera-
tions to the NOR array.
FLASH_ALE
C14
O
Address Latch Enable. Controls external latch (e.g., 74x373) for
latching the higher address bits in address phase.
FLASH_AD[27:26]/
AD[2:1],
FLASH_AD25/
AD0,
FLASH_AD[24:18]/
AD[9:3]
B11, A12,
A11, B15,
B16, A17,
C17, D16,
D17, E17
O
Address Bus. During the address phase, address [27:18] is put on
the bus. During the data phase, address [9:0] is put on the bus.
FLASH_AD[17:10]/
IO[7:0]
E16, E15,
D15, B17,
C16, C15,
A15, B14
I/O
Multiplexed Address and I/O Bus. During the address phase, NOR
address [17:10] are placed on these lines. During the data phase, it is
the NOR I/O data bus.
FLASH_IOCHRDY
A13
I
I/O Channel Ready. When a device is hanging off the bus and wants
to extend its current cycle, it pulls this signal low to insert the wait
state.
NAND Flash Mode
FLASH_CE[3:0]#
C12, A14,
C10, B10
O
Chip Enables. The signals remain low during entire period of a
NAND cycle.
Note:
Ball A14 is the only ball that changes direction from IDE to
Flash. Needs external pull-up for Flash use.
FLASH_RE#
B13
O
Read Enable Strobe. This signal is asserted during READ operations
from the NAND array.
FLASH_WE#
C13
O
Write Enable Strobe. This signal is asserted during WRITE opera-
tions to the NAND array.
FLASH_ALE
C14
O
Address Latch Enable. Level signal to indicate an address byte is
writing to the NAND Flash device.
FLASH_CLE
A11
O
Command Latch Enable. Indicates a Command byte is being written
to the device.
FLASH_IO[7:0]
E16, E15,
D15, B17,
C16, C15,
A15, B14
I/O
I/O Bus. I/O Bus for NAND Flash devices. Command, address, and
data are sent on this bus. This bus is actively driven to zero with or
without an LPC_CLK from and after reset.
FLASH_RDY/BUSY#
A13
I
Ready/Busy#. NAND Flash pulls this signal low to indicate it is busy
with an internal operation. No further action is accepted except read
status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com