Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 30Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 31Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 32Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 33Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 34Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 35Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 36Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 37Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 555 page
background image
www.national.com
34
Revision 0.8
Signal Definitions (Continued)
IRDY#
R10
I/O
PCI Initiator Ready. IRDY# is driven by the master to indicate valid
data on a write transaction, or that it is ready to receive data on a read
transaction.
When the CS5535 is a PCI slave, IRDY# is an input that can delay the
beginning of a write transaction or the completion of a read transac-
tion.
Wait cycles are inserted until both IRDY# and TRDY# are asserted
together.
Normally connected to a 10k to15k
Ω external pull-up. This signal is
TRI-STATE after reset.
TRDY#
T10
I/O
PCI Target Ready. TRDY# is asserted by a PCI slave to indicate it is
ready to complete the current data transfer.
TRDY# is an input that indicates a PCI slave has driven valid data on
a read or a PCI slave is ready to accept data from the CS5530A on a
write.
TRDY# is an output that indicates the CS5535 has placed valid data
on AD[31:0] during a read or is ready to accept the data from a PCI
master on a write.
Wait cycles are inserted until both IRDY# and TRDY# are asserted
together.
Normally connected to a 10k to15k
Ω external pull-up. This signal is
TRI-STATE after reset.
STOP#
T11
I/O
PCI Stop. As an input, STOP# indicates that a PCI slave wants to ter-
minate the current transfer. The transfer is either aborted or retried.
STOP# is also used to end a burst.
As an output, STOP# is asserted with TRDY# to indicate a target dis-
connect, or without TRDY# to indicate a target retry. The CS5535
asserts STOP# during any cache line crossings if in single transfer
DMA mode or if busy.
Normally connected to a 10k to15k
Ω external pull-up. This signal is
TRI-STATE after reset.
REQ#
T1
O
PCI Bus Request. The CS5535 asserts REQ# to gain ownership of
the PCI bus. The REQ# and GNT# signals are used to arbitrate for the
PCI bus.
REQ# should connect to the REQ2# of the GX2-series processor and
function as the highest-priority PCI master.
GNT#
R1
I
PCI Bus Grant. GNT# is asserted by an arbiter that indicates to the
CS5535 that access to the PCI bus has been granted.
GNT# should connect to GNT2# of the GX2-series processor and
function as the highest-priority PCI master.
Note 1. Use RESET_OUT# for PCI reset.
For SMI, PME, INTA#, and INTB# functions see Table 2-8 "GPIO Options" on page 42.
2.2.2
PCI Interface Signals (Note 1) (Continued)
Signal Name
Ball No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com