Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5535-UDC Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 81Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 82Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 83Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 84Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 85Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 86Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 87Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 88Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 555 page
background image
ACC Functional Description (Continued)
www.national.com
85
Revision 0.8
Slot 12: GPIO Control
This slot allows the ACC to set the value of the AC97
codec’s GPIO output pins.
bits [19:4]
Value of the GPIO pins
(Up to 16 can be implemented)
bits [3:0]
Reserved
4.3.4.3
AC Link Input Frame (AC_S_IN, AC_S_IN2)
The audio input frame data streams correspond to the time
division multiplexed bundles of all digital input data coming
from the AC97 codec. Each input frame contains 13, 20-bit
incoming data slots, except for slot 0; it is 16 bits. Slot 0 is a
dedicated slot used for the AC Link protocol.
An audio input frame begins with a low-to-high transition of
the AC_S_SYNC signal. AC_S_SYNC is synchronous to
the rising edge of AC_CLK. The AC97 codec samples the
AC_S_SYNC signal on the immediately following falling
edge of the bit clock. The AC97 codec transmits data on
each following rising edge of AC_CLK. The ACC samples
the data on the falling edges of AC_CLK.
The serial input stream is MSB justified (MSB first) within
each slot, and all non-valid bit positions stuffed with zeroes
by the AC97 codec.
Slot 0: TAG
The first bit of the TAG slot (bit 15) is the Codec_Ready bit.
The next 12 bits indicate the validity of the next 12 data
slots.
Slot 1: Status Address / SLOTREQ Bits
The status address is the echo of the register address
(index) that was sent to the codec on output slot 1 of the
previous output frame. It indicates the address (index) of
the register whose data is being returned in slot 2 of the
input frame.
bit 19
Reserved
(Stuffed with 0s)
bits [18:12]
Control Register Index
(Echo of register index for which data
is being returned)
bits [11:2]
SLOTREQ bits
(For variable sampling rate)
bits [1:0]
Reserved
(Stuffed with 0s)
The SLOTREQ bits support the variable sample rate sig-
naling protocol. With normal 48 kHz operation, these bits
are always zero. When the AC97 codec is configured for a
lower sample rate, some output frames will not contain
samples because the AC Link always outputs frames at 48
kHz. The SLOTREQ bits serve as the codec’s instrument to
tell the ACC whether it needs a sample for a given slot on
the next output frame. For each bit: 0 = Send data; 1 = Do
NOT send data. If the codec does not request data for a
given slot, the ACC should tag that slot invalid and not send
PCM data. The mapping between SLOTREQ bits and out-
put slots is given in Table 4-5. The SLOTREQ bits are inde-
pendent of the validity of slot 1, and slot 1 will only be
tagged valid by the codec if it contains a register index.
Slot 2: Status Data
The status data slot delivers 16-bit control register read
data.
bits [19:4]
Control Register Read Data
(Stuffed with 0s if slot 2 is tagged
“invalid” by slot 0)
bits [3:0]
Reserved
(Stuffed with 0s)
Slot 3: PCM Record Left Channel
Contains the left channel ADC input data (16-bit resolution,
MSB first, unused LSBs = 0).
Slot 4: PCM Record Right Channel
Contains the right channel ADC input data (16-bit resolu-
tion, MSB first, unused LSBs = 0).
Slot 5: Modem Line 1 ADC
Contains the modem line 1 ADC input data (16-bit resolu-
tion, MSB first, unused LSBs = 0).
Slot 6: Optional Microphone Record Data
Contains the microphone ADC input data (16-bit resolution,
MSB first, unused LSBs = 0).
Slots 7-10: Not Used
Slots 7-10 are reserved.
Slot 11: Modem Headset ADC
Contains the modem headset ADC input data (16-bit reso-
lution, MSB first, unused LSBs = 0).
Table 4-5. SLOTREQ to Output Slot Mapping
Bit
Slot
Request
Notes
11
Slot 3
Left Channel Out (BM0)
10
Slot 4
Right Channel Out (BM0)
9
Slot 5
Modem Line 1 Out (BM2)
8
Slot 6
Center Out (BM4 if selected)
7
Slot 7
Left Surround Out (BM6)
6
Slot 8
Right Surround Out (BM6)
5
Slot 9
LFE Out (BM7)
4
Slot 10
Not Supported
3
Slot 11
Handset Out (BM4 if selected)
2
Slot 12
Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com