Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 59Page - ATMEL Corporation AT43USB355 Datasheet HTML 60Page - ATMEL Corporation AT43USB355 Datasheet HTML 61Page - ATMEL Corporation AT43USB355 Datasheet HTML 62Page - ATMEL Corporation AT43USB355 Datasheet HTML 63Page - ATMEL Corporation AT43USB355 Datasheet HTML 64Page - ATMEL Corporation AT43USB355 Datasheet HTML 65Page - ATMEL Corporation AT43USB355 Datasheet HTML 66Page - ATMEL Corporation AT43USB355 Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
63
AT43USB355
2603G–USB–04/06
ADC Multiplexer Select Register – ADMUX
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read as zero.
• Bits 3..0 – MUX3..MUX0: Analog Channel Select Bits 3-0
The value of these three bits selects which analog input ADC11..0 is connected to the ADC.
See Table 22 for details.
If these bits are changed during a conversion, the change will not go into effect until this con-
version is complete (ADIF in ADCSR is set).
Bit
7
6
5
4
3
2
1
0
$08 ($28)
–
–
–
–
MUX3
MUX2
MUX1
MUX0
ADMUX
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
N/A
0
0
0
0
0
Table 22. Input Channel Selections
MUX3.0
Single-ended Input
0000
ADC0
0001
ADC1
0010
ADC2
0011
ADC3
0100
ADC4
0101
ADC5
0110
ADC6
0111
ADC7
1000
ADC8
1001
ADC9
1010
ADC10
1011
ADC11
11XX
ADC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com