Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 46Page - ATMEL Corporation AT43USB355 Datasheet HTML 47Page - ATMEL Corporation AT43USB355 Datasheet HTML 48Page - ATMEL Corporation AT43USB355 Datasheet HTML 49Page - ATMEL Corporation AT43USB355 Datasheet HTML 50Page - ATMEL Corporation AT43USB355 Datasheet HTML 51Page - ATMEL Corporation AT43USB355 Datasheet HTML 52Page - ATMEL Corporation AT43USB355 Datasheet HTML 53Page - ATMEL Corporation AT43USB355 Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 115 page
background image
50
AT43USB355
2603G–USB–04/06
Note:
X = A or B
Note that in the PWM mode, the 10 least significant OCR1A/OCR1B bits, when written, are
transferred to a temporary location. They are latched when Timer/Counter1 reaches the value
TOP. This prevents the occurrence of odd-length PWM pulses (glitches) in the event of an
unsynchronized OCR1A/OCR1B write. See Figure 16 for an example.
Figure 16. Effects on Unsynchronized OCR1 Latching
Note:
X = A or B
During the time between the write and the latch operation, a read from OCR1A or OCR1B will
read the contents of the temporary location. This means that the most recently written value
always will read out of OCR1A/B
When the OCR1 contains $0000 or TOP, the output OC1A/OC1B is updated to low or high on
the next compare match, according to the settin g s of COM1 A1/COM1A0 or
COM1B1/COM1B0. This is shown in Table 17.
Note: If the compare register contains the TOP value and the prescaler is not in use
(CS12..CS10 = 001), the PWM output will not produce any pulse at all, because up-counting
and down-counting values are reached simultaneously. When the prescaler is in use
Table 16. Compare1 Mode Select in PWM Mode
COM1X1
COM1X0
Effect on OCX1
0
0
Not connected
0
1
Not connected
10
Cleared on compare match, up-counting. Set on compare match,
down-counting (non-inverted PWM).
11
Cleared on compare match, down-counting. Set on compare match,
up-counting (inverted PWM).
Synchronized
OCR1X Latch
PWM Output OC1X
Counter Value
Compare Value
PWM Output OC1X
Counter Value
Compare Value
Unsynchronized
OCR1X Latch
Glitch
Compare Value Changes
Compare Value Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com