Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 28Page - ATMEL Corporation AT43USB355 Datasheet HTML 29Page - ATMEL Corporation AT43USB355 Datasheet HTML 30Page - ATMEL Corporation AT43USB355 Datasheet HTML 31Page - ATMEL Corporation AT43USB355 Datasheet HTML 32Page - ATMEL Corporation AT43USB355 Datasheet HTML 33Page - ATMEL Corporation AT43USB355 Datasheet HTML 34Page - ATMEL Corporation AT43USB355 Datasheet HTML 35Page - ATMEL Corporation AT43USB355 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
32
AT43USB355
2603G–USB–04/06
USB End-point
Interrupt Sources
An assertion or activation of one or more bits in the end-point's Control and Status Register
triggers the end-point interrupts. These triggers are different for control and non-control end-
points as described in the table below. Please refer to the Control and Status Register for
more information.
USB Interrupt Status Register – UISR
• Bit 7 – SOF INT: Start of Frame Interrupt
This bit is asserted after the USB hardware receives a valid SOF packet.
• Bit 6 – EOF2 INT: EOF2 Interrupt
This bit is asserted 10 clocks before the expected start of a frame.
• Bit 5 – Res: Reserved Bit
This bit is reserved and always reads as zero.
• Bit 4 – FEP3 INT: Function End-point 3 Interrupt
• Bit 3 – HEP0 INT: Hub End-point 0 Interrupt
• Bit 2 – FEP2 INT: Function End-point 2 Interrupt
• Bit 1 – FEP1 INT: Function End-point 1 Interrupt
• Bit 0 – FEP0 INT: Function End-point 0 Interrupt
The hub and function interrupt bits will be set by the hardware whenever the following bits in
the corresponding end-point's Control and Status Register are modified by the USB hardware:
1.
RX OUT Packet is set (control and OUT end-points)
2.
TX Packet Ready is cleared AND TX Complete is set (control and IN end-points)
3.
RX SETUP is set (control end-points only)
4.
TX Complete is set
Table 10. USB End-point Interrupt Sources
Bit
End-point type
RX_OUT_PACKET
CONTROL, OUT
TX_COMPLETE
CONTROL, IN
STALL_SENT
CONTROL, IN
RX_SETUP
CONTROL
Bit
7
6
5
4
3
2
1
0
$1FF7
SOF INT
EOF2 INT
–
FE3 INT
HEP0 INT
FE2 INT
FE1 INT
FE0 INT
UISR
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com