Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 48Page - ATMEL Corporation AT43USB355 Datasheet HTML 49Page - ATMEL Corporation AT43USB355 Datasheet HTML 50Page - ATMEL Corporation AT43USB355 Datasheet HTML 51Page - ATMEL Corporation AT43USB355 Datasheet HTML 52Page - ATMEL Corporation AT43USB355 Datasheet HTML 53Page - ATMEL Corporation AT43USB355 Datasheet HTML 54Page - ATMEL Corporation AT43USB355 Datasheet HTML 55Page - ATMEL Corporation AT43USB355 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 115 page
background image
52
AT43USB355
2603G–USB–04/06
Watchdog Timer Control Register – WDTCR
• Bits 7..5 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and will always read as zero.
•Bit 4 – WDTOE: Watch Dog Turn-Off Enable
This bit must be set (one) when the WDE bit is cleared. Otherwise, the watchdog will not be
disabled. Once set, the hardware will clear this bit to zero after four clock cycles. Refer to the
description of the WDE bit for a watchdog disable procedure.
•Bit 3 – WDE: Watch Dog Enable
When the WDE is set (one) the Watchdog Timer is enabled, and if the WDE is cleared (zero)
the Watchdog Timer function is disabled. WDE can only be cleared if the WDTOE bit is set
(one). To disable an enabled watchdog timer, the following procedure must be followed:
1.
In the same operation, write a logical one to WDTOE and WDE. A logical one must be
written to WDE even though it is set to one before the disable operation starts.
2.
Within the next four clock cycles, write a logical 0 to WDE. This disables the watchdog.
• Bits 2..0 – WDP2, WDP1, WDP0: Watch Dog Timer Prescaler 2, 1 and 0
The WDP2, WDP1 and WDP0 bits determine the Watchdog Timer prescaling when the
Watchdog Timer is enabled. The different prescaling values and their corresponding Time-out
Periods are shown in Table 18.
Note:
The WDR (Watchdog Reset) instruction should always be executed before the Watchdog Timer
is enabled. This ensures that the reset period will be in accordance with the Watchdog Timer
prescale settings. If the Watchdog Timer is enabled without reset, the watchdog timer may not
start to count from zero. To avoid unintentional MCU reset, the Watchdog Timer should be dis-
abled or reset before changing the Watchdog Timer Prescale Select.
Bit
7
6
5
4
3
2
1
0
$21 ($41)
–
–
–
WDTOE
WDE
WDP2
WDP1
WDP0
WDTCR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 18. Watchdog Timer Prescale Select
WDP2
WDP1
WDP0
Number of WDT Oscillator cycles
Time-out
0
0
0
8K cycles
8.2 ms
0
0
1
16K cycles
16.4 ms
0
1
0
32K cycles
33.8 ms
0
1
1
64K cycles
65.6 ms
1
0
0
128K cycles
0.131 s
1
0
1
256K cycles
0.262 s
1
1
0
512K cycles
0.524 s
1
1
1
1,024K cycles
1.048 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com