Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 2Page - ATMEL Corporation AT43USB355 Datasheet HTML 3Page - ATMEL Corporation AT43USB355 Datasheet HTML 4Page - ATMEL Corporation AT43USB355 Datasheet HTML 5Page - ATMEL Corporation AT43USB355 Datasheet HTML 6Page - ATMEL Corporation AT43USB355 Datasheet HTML 7Page - ATMEL Corporation AT43USB355 Datasheet HTML 8Page - ATMEL Corporation AT43USB355 Datasheet HTML 9Page - ATMEL Corporation AT43USB355 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
6
AT43USB355
2603G–USB–04/06
Figure 3. AT43USB355 Enhanced RISC Architecture
Interrupt
Unit
8-bit
Timer/Counter
16-bit
Timer/Counter
Watchdog
Timer
SPI Unit
ADC
Status and
Control
Program
Counter
12K x 16
Program
Memory
Instruction
Register
Instruction
Decoder
Control
Lines
32 x 8
General-purpose
Registers
ALU
1024 x 8
SRAM
27 GPIO
Lines
USB
Hub and
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com