Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 87Page - ATMEL Corporation AT43USB355 Datasheet HTML 88Page - ATMEL Corporation AT43USB355 Datasheet HTML 89Page - ATMEL Corporation AT43USB355 Datasheet HTML 90Page - ATMEL Corporation AT43USB355 Datasheet HTML 91Page - ATMEL Corporation AT43USB355 Datasheet HTML 92Page - ATMEL Corporation AT43USB355 Datasheet HTML 93Page - ATMEL Corporation AT43USB355 Datasheet HTML 94Page - ATMEL Corporation AT43USB355 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
91
AT43USB355
2603G–USB–04/06
Hub General Registers
Global State Register – GLB_STATE
• Bit 7...5 – Reserved Bits
These bits are reserved in the AT43USB355 and will read as zeros.
•Bit 4 – SUSP FLG: Suspend Flag
This bit is set to 1 while the USB hardware is in the suspended state. This bit is a firmware
read only bit. It is set and cleared by the USB hardware.
•Bit 3 – RESUME FLGL Resume Flag
When the USB hardware receives a resume signal from the upstream device it sets this bit.
This bit will stay set until the USB hardware completes the downstream resume signaling. This
bit is a firmware read only bit. It is set and cleared by the USB hardware.
•Bit 2 – RMWUPE: Remote Wakeup Enable
This bit is set if the host enables the hub's remote wakeup feature.
•Bit 1 – CONFG: Configured
This bit is set by firmware after a valid SET_CONFIGURATION request is received. It is
cleared by a reset or by a SET_CONFIGURATION with a value of 0.
•Bit 0 – HADD EN: Hub Address Enabled
This bit is set by firmware after the status phase of a SET_ADDRESS request transaction so
the hub will use the new address starting at the next transaction.
Bit
7
6
5
4
3
2
1
0
$1FFB
–
–
–
SUSP FLG
RESUME FLG
RMWUPE
CONFG
HADD EN
GLB_STATE
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com