Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 62Page - ATMEL Corporation AT43USB355 Datasheet HTML 63Page - ATMEL Corporation AT43USB355 Datasheet HTML 64Page - ATMEL Corporation AT43USB355 Datasheet HTML 65Page - ATMEL Corporation AT43USB355 Datasheet HTML 66Page - ATMEL Corporation AT43USB355 Datasheet HTML 67Page - ATMEL Corporation AT43USB355 Datasheet HTML 68Page - ATMEL Corporation AT43USB355 Datasheet HTML 69Page - ATMEL Corporation AT43USB355 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 115 page
background image
66
AT43USB355
2603G–USB–04/06
ADC Characteristics
I/O-Ports
All AVR ports have true Read-Modify-Write functionality when used as general digital I/O
ports. This means that the direction of one port pin can be changed without unintentionally
changing the direction of any other pin with the SBI and CBI instructions. The same applies for
changing drive value if configured as output or enabling/disabling of pull-up resistors if config-
ured as input.
In the AT43USB355E, Port F[0:4] are used as the SPI signals for the external serial EEPROM.
Once the data from the SEEPROM are loaded to the SRAM, Port F[1:3] become available as
GPIO pins. Only cycling the power to the chip off and on again will temporarily assign these
pins as SEEPROM interface signals.
Port A
Port A is an 8-bit bi-directional I/O port. The Port A output buffers can sink or source 2 mA.
Three I/O memory address locations are allocated for the Port A, one each for the Data Regis-
ter PORTA, $1B($3B), Data Direction Register (DDRA), $1A($3A) and the Port A Input Pins
(PINA) $19($39). The Port A Input Pins address is read only, while the Data Register and the
Data Direction Register are read/write.
All port pins have individually selectable pull-up resistors. When pins PA0 to PA7 are used as
inputs and are externally pulled low, they will source current if the internal pull-up resistors are
activated.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
s
Resolution
10
Bits
Integral Non-linearity
VREF = VCEXTA
4
LSB
Differential Non-linearity
VREF = VCEXTA
4
LSB
Zero Error (Offset)
-2
2
LSB
Full Scale Error
-4
4
LSB
VREF
Reference Voltage
2.4
VCEXTA
V
V
REF input resistance
25
°C12
18
24
k
Ω
Analog Input Resistance
100
M
Ω
Conversion Time
12
768
µs
Clock Frequency
at 50% duty cycle
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com