Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 77Page - ATMEL Corporation AT43USB355 Datasheet HTML 78Page - ATMEL Corporation AT43USB355 Datasheet HTML 79Page - ATMEL Corporation AT43USB355 Datasheet HTML 80Page - ATMEL Corporation AT43USB355 Datasheet HTML 81Page - ATMEL Corporation AT43USB355 Datasheet HTML 82Page - ATMEL Corporation AT43USB355 Datasheet HTML 83Page - ATMEL Corporation AT43USB355 Datasheet HTML 84Page - ATMEL Corporation AT43USB355 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 115 page
background image
81
AT43USB355
2603G–USB–04/06
USB Registers
The following sections describe the registers of the AT43USB355’s USB hub and function
units.
Reading a bit for which the microcontroller does not have read access will yield a zero value
result. Writing to a bit for which the microcontroller does not have write access has no effect.
Hub Address Register
– HADDR
The USB hub contains an address register that contains the hub address assigned by the
host. This Hub Address Register must be programmed by the microcontroller once it has
received a SET_ADDRESS request from the host. The USB hardware uses the new address
only after the status phase of the transaction is completed when the microcontroller has
enabled the new address by setting bit 0 of the Global State Register. After power-up or reset,
this register will contain the value of 0x00.
Hub Address Register – HADDR
• Bit 7 – SAEN: Single Address Enable
The Single Address Enable bit allows the microcontroller to configure the AT43USB355 into a
single address or a composite device. Once this capability is enabled, the hub end-point 0
(HEP0) is converted from a control end-point to a programmable function end-point FEP3; all
the end-points would then operate on the single address.
• Bit 6..0 – HADD6...0: Hub Address[6:0]
Bit
7
6
5
4
3
2
1
0
$1FEF
SAEN
HADD6
HADD5
HADD4
HADD3
HADD2
HADD1
HADD0
HADDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com