Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 85Page - ATMEL Corporation AT43USB355 Datasheet HTML 86Page - ATMEL Corporation AT43USB355 Datasheet HTML 87Page - ATMEL Corporation AT43USB355 Datasheet HTML 88Page - ATMEL Corporation AT43USB355 Datasheet HTML 89Page - ATMEL Corporation AT43USB355 Datasheet HTML 90Page - ATMEL Corporation AT43USB355 Datasheet HTML 91Page - ATMEL Corporation AT43USB355 Datasheet HTML 92Page - ATMEL Corporation AT43USB355 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 115 page
background image
89
AT43USB355
2603G–USB–04/06
Function End-point 0..3 Control and Acknowledge Register – FCAR0..3
• Bit 7 – Reserved
This bit is reserved in the AT43USB355 and will read as zero.
• Bit 6 – DATA END
When set to 1 by firmware, this bit indicate that the microcontroller has either placed the last
data packet in FIFO, or that the microcontroller has processed the last data packet it expects
from the Host.
• Bit 5 – FORCE STALL
This bit is set by the microcontroller to indicate a stalled end-point. The hardware will send a
STALL handshake as a response to the next IN or OUT token. The microcontroller sets this bit
if it wants to force a STALL. A STALL is send if the host continues to ask for data after the data
is exhausted.
• Bit 4 – TX PACKET RDY: Transmit Packet Ready
When set by the firmware, this bit indicates that the microcontroller has loaded the FIFO with a
packet of data. This bit is cleared by the hardware after the USB Host acknowledges the
packet. For ISO end-points, this bit is cleared unconditionally after the data is sent.
The microcontroller should write into the FIFO only if this bit is cleared. After it has completed
writing the data, it should set this bit. This data can be of zero length.
The hardware clears this bit after it receives an ACK. If the interrupt is enabled and if the TX
Complete bit is set, clearing the TX Packet Ready bit by the hardware causes an interrupt to
the microcontroller.
• Bit 3 – STALL_SENT_ACK: Acknowledge Stall Sent Interrupt
Firmware sets this bit to clear STALL SENT, CSR bit 3. The 1 written in the CSRACK3 bit is
not actually stored and thus does not have to be cleared.
• Bit 2 – Reserved
This bit is reserved in the AT43USB355 and will read as zero.
• Bit 1 – RX_OUT_PACKET_ACK: Acknowledge RX OUT PACKET Interrupt
Firmware sets this bit to clear RX OUT PACKET, CSR bit1. The 1 written in the CSRACK1 bit
is not actually stored and thus does not have to be cleared.
• Bit 0 – TX_COMPLETE_ACK: Acknowledge TX COMPLETE Interrupt
Firmware sets this bit to clear TX COMPLETE, CSR bit0. The 1 written in the CSRACK0 bit is
not actually stored and thus does not have to be cleared.
Bit
7
6
5
4
3
2
1
0
Function EP1 $1FA4
–
DATA
END
FORCE
STALL
TX PACKET
RDY
STALL_SENT-
ACK
–
RX_OUT_PACKET
_ACK
TX_COMPLETE
_ACK
FCAR1
Function EP2 $1FA3
–
DATA
END
FORCE
STALL
TX PACKET
RDY
STALL_SENT-
ACK
–
RX_OUT_PACKET
_ACK
TX_COMPLETE
-ACK
FCAR2
Function EP3 $1FA2
–
DATA
END
FORCE
STALL
TX PACKET
RDY
STALL_SENT-
ACK
–
RX_OUT_PACKET
_ACK
TX_COMPLETE
-ACK
FCAR3
Read/Write
R
R/W
R/W
R/W
R/W
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com