Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 47Page - ATMEL Corporation AT43USB355 Datasheet HTML 48Page - ATMEL Corporation AT43USB355 Datasheet HTML 49Page - ATMEL Corporation AT43USB355 Datasheet HTML 50Page - ATMEL Corporation AT43USB355 Datasheet HTML 51Page - ATMEL Corporation AT43USB355 Datasheet HTML 52Page - ATMEL Corporation AT43USB355 Datasheet HTML 53Page - ATMEL Corporation AT43USB355 Datasheet HTML 54Page - ATMEL Corporation AT43USB355 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
51
AT43USB355
2603G–USB–04/06
(CS12..CS10 = 001 or 000), the PWM output goes active when the counter reaches the TOP
value, but the down-counting compare match is not interpreted to be reached before the next
time the counter reaches the TOP value, making a one-period PWM pulse.
Note:
X = A or B
In PWM mode, the Timer Overflow Flag1, TOV1, is set when the counter advances from
$0000. Timer Overflow Interrupt1 operates exactly as in normal Timer/Counter mode, i.e. it is
executed when TOV1 is set provided that Timer Overflow Interrupt1 and global interrupts are
enabled. This also applies to the Timer Output Compare1 flags and interrupts.
Watchdog Timer
The Watchdog Timer is clocked from a 1 MHz clock derived from the 6 MHz on chip oscillator.
By controlling the Watchdog Timer prescaler, the Watchdog reset interval can be adjusted,
see Table 18 for a detailed description. The WDR (Watchdog Reset) instruction resets the
Watchdog Timer. Eight different clock cycle periods can be selected to determine the reset
period. If the reset period expires without another Watchdog reset, the AT43USB355 resets
and executes from the reset vector.
To prevent unintentional disabling of the watchdog, a special turn-off sequence must be fol-
lowed when the watchdog is disabled. Refer to the description of the Watchdog Timer Control
Register for details.
Figure 17. Watchdog Timer
Table 17. PWM Outputs OCR1X = $0000 or Top
COM1X1
COM1X0
OCR1X
Output OC1X
1
0
$0000
L
10
TOP
H
1
1
$0000
H
11
TOP
L
1 MHz Clock
MCU Reset
WDE
WDP2
WDP1
WDP0
Watchdog
Reset
Watchdog Prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com