Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 82Page - ATMEL Corporation AT43USB355 Datasheet HTML 83Page - ATMEL Corporation AT43USB355 Datasheet HTML 84Page - ATMEL Corporation AT43USB355 Datasheet HTML 85Page - ATMEL Corporation AT43USB355 Datasheet HTML 86Page - ATMEL Corporation AT43USB355 Datasheet HTML 87Page - ATMEL Corporation AT43USB355 Datasheet HTML 88Page - ATMEL Corporation AT43USB355 Datasheet HTML 89Page - ATMEL Corporation AT43USB355 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
86
AT43USB355
2603G–USB–04/06
Hub End-point 0 Service Routine Register – HCSR0
Function End-point 0 Service Routine Register – FCSR0
• Bit 7..4 – Reserved
These bits are reserved in the AT43USB355 and will read as zero.
• Bit 3 – STALL SENT
The USB hardware sets this bit after a STALL has been sent to the host. The firmware uses
this bit when responding to a Get Status[End-point] request. It is a read only bit and that is
cleared indirectly by writing a one to the STALL_SENT_ACK bit of the Control and Acknowl-
edge Register.
• Bit 2 – RX SETUP: Setup Packet Received
This bit is used by control end-points only to signal to the microcontroller that the USB hard-
ware has received a valid SETUP packet and that the data portion of the packet is stored in
the FIFO. The hardware will clear all other bits in this register while setting RX SETUP. If inter-
rupt is enabled, the microcontroller will be interrupted when RX SETUP is set. After the
completion of reading the data from the FIFO, firmware should clear this bit by writing a one to
the RX_SETUP_ACK bit of the Control and Acknowledge Register.
• Bit 1 – RX OUT PACKET
The USB hardware sets this bit after it has stored the data of an OUT transaction in the FIFO.
While this bit is set, the hardware will NAK all OUT tokens. The USB hardware will not over-
write the data in the FIFO except for an early set-up. RX OUT Packet is used for the following
operations:
1.
Control write transactions by a control end-point.
2.
OUT transaction with DATA1 PID to complete the status phase of a control end-point.
Setting this bit causes an interrupt to the microcontroller if the interrupt is enabled. FW clears
th is bit a fter the FI FO con t en ts h a ve be en rea d b y wr it in g a on e to th e
RX_OUT_PACKET_ACK bit of the Control and Acknowledge Register.
• Bit 0 – TX COMPL: Transmit Completed
This bit is used by a control end-point hardware to signal to the microcontroller that it has suc-
cessfully completed certain transactions. TX Complete is set at the completion of a:
1.
Control read data stage.
2.
Status stage without data stage.
3.
Status stage after a control write transaction.
This bit is read only and is cleared indirectly by writing a one to the TX_COMPLETE_ACK bit
of the Control and Acknowledge Register.
Bit
7
6
5
4
3
2
1
0
Function EP0 $1FDF
–
–
–
–
STALL SENT
RX SETUP
RX OUT PACKET
TX COMPLETE
HCSR0
Function EP0 $1FDD
–
–
–
–
STALL SENT
RX SETUP
RX OUT PACKET
TX COMPLETE
FCSR0
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com