Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 34Page - ATMEL Corporation AT43USB355 Datasheet HTML 35Page - ATMEL Corporation AT43USB355 Datasheet HTML 36Page - ATMEL Corporation AT43USB355 Datasheet HTML 37Page - ATMEL Corporation AT43USB355 Datasheet HTML 38Page - ATMEL Corporation AT43USB355 Datasheet HTML 39Page - ATMEL Corporation AT43USB355 Datasheet HTML 40Page - ATMEL Corporation AT43USB355 Datasheet HTML 41Page - ATMEL Corporation AT43USB355 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
38
AT43USB355
2603G–USB–04/06
Stack Pointer Register – SP
The Stack Pointer points to the data SRAM stack area where the Subroutine and Interrupt
Stacks are located. This Stack space in the data SRAM must be defined by the program
before any subroutine calls are executed or interrupts are enabled. The stack pointer must be
set to point above $60. The Stack Pointer is decremented by one when data is pushed onto
the Stack with the PUSH instruction, and it is decremented by two when an address is pushed
onto the Stack with subroutine calls and interrupts. The Stack Pointer is incremented by one
when data is popped from the Stack with the POP instruction and it is incremented by two
when an address is popped from the Stack with return from subroutine RET or return from
interrupt RETI.
Sleep Modes
To enter the sleep modes, the SE bit in MCUCR must be set (one) and a SLEEP instruction
must be executed. If an enabled interrupt occurs while the MCU is in a sleep mode, the MCU
awakes, executes the interrupt routine, and resumes execution from the instruction following
SLEEP. The contents of the register file, SRAM and I/O memory are unaltered. If a reset
occurs during sleep mode, the MCU wakes up and executes from the Reset vector.
Power Down Mode
When the SM bit is set (one), the SLEEP instruction forces the MCU into the Power Down
Mode. In this mode, the external oscillator is stopped, while the external interrupts continue
operating. Only an external reset, an external level interrupt on INT0 or INT1, can wake up the
MCU.
Note that when a level triggered interrupt is used for wake-up from power down, the low level
must be held for a time longer than the reset delay time-out period t
TOUT. Otherwise, the MCU
will fail to wake up.
Bit
15
14
131211
10
9
8
$3E ($5E)
ITH
S
V
N
Z
C
SPH
$3D ($5D)
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
SPL
76
5
4
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com