Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 23Page - ATMEL Corporation AT43USB355 Datasheet HTML 24Page - ATMEL Corporation AT43USB355 Datasheet HTML 25Page - ATMEL Corporation AT43USB355 Datasheet HTML 26Page - ATMEL Corporation AT43USB355 Datasheet HTML 27Page - ATMEL Corporation AT43USB355 Datasheet HTML 28Page - ATMEL Corporation AT43USB355 Datasheet HTML 29Page - ATMEL Corporation AT43USB355 Datasheet HTML 30Page - ATMEL Corporation AT43USB355 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
27
AT43USB355
2603G–USB–04/06
Timer/Counter Interrupt Mask Register – TIMSK
• Bit 7 – TOIE1: Timer/Counter1 Overflow Interrupt Enable
When the TOIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Overflow interrupt is enabled. The corresponding interrupt (at vector $006) is
executed if an overflow in Timer/Counter1 occurs, i.e., when the TOV1 bit is set in the
Timer/Counter Interrupt Flag Register (TIFR).
• Bit 6 – OCE1A: Timer/Counter1 Output CompareA Match Interrupt Enable
When the OCIE1A bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 CompareA Match interrupt is enabled. The corresponding interrupt (at vector
$004) is executed if a CompareA match in Timer/Counter1 occurs, i.e., when the OCF1A bit is
set in the TIFR.
• Bit 5 – OCIE1B: Timer/Counter1 Output CompareB Match Interrupt Enable
When the OCIE1B bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 CompareB Match interrupt is enabled. The corresponding interrupt (at vector
$005) is executed if a CompareB match in Timer/Counter1 occurs, i.e., when the OCF1B bit is
set in the TIFR.
• Bit 4 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB355 and always reads zero.
• Bit 3 – TICIE1: Timer/Counter1 Input Capture Interrupt Enable
When the TICIE1 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter1 Input Capture Event Interrupt is enabled. The corresponding interrupt (at vec-
tor $003) is executed if a capture-triggering event occurs on pin 31, ICP, i.e., when the ICF1
bit is set in the TIFR.
• Bit 2 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB355 and always reads zero.
• Bit 1 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is set (one) and the I-bit in the Status Register is set (one), the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt (at vector $007) is
executed if an overflow in Timer/Counter0 occurs, i.e., when the TOV0 bit is set in the TIFR.
• Bit 0 – Res: Reserved Bit
This bit is a reserved bit in the AT43USB355 and always reads zero.
Bit
7
6
5
4
3
210
$39 ($59)
TOIE1
OCIE1A
OCIE1NB
–
TICIE1
–
TOIE0
–
TIMSK
Read/Write
R/W
R/W
R/W
R
R/W
R
R/W
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com