Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT43USB355 Datasheet HTML 1Page - ATMEL Corporation AT43USB355 Datasheet HTML 2Page - ATMEL Corporation AT43USB355 Datasheet HTML 3Page - ATMEL Corporation AT43USB355 Datasheet HTML 4Page - ATMEL Corporation AT43USB355 Datasheet HTML 5Page - ATMEL Corporation AT43USB355 Datasheet HTML 6Page - ATMEL Corporation AT43USB355 Datasheet HTML 7Page - ATMEL Corporation AT43USB355 Datasheet HTML 8Page - ATMEL Corporation AT43USB355 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
1
Features
• AVR® 8-bit RISC Microcontroller with 83 ns Instruction Cycle Time
• USB Hub with One Attached and Two External Ports
• USB Function with Three Programmable End-points
• 24 KB Program Memory, 1 KB Data SRAM
• 32 x 8 General-purpose Working Registers
• 27 Programmable I/O Port Pins
• 12-channel 10-bit ADC
• Master/Slave SPI Serial Interface
• One 8-bit Timer/Counter with Separate Pre-scaler
• One 16-bit Timer/Counter with Separate Pre-scaler and Two PWMs
• External and Internal Interrupt Sources
• Programmable Watchdog Timer
• 6 MHz Oscillator with On-chip PLL
• 5V Operation with On-chip 3.3V Power Supply
• 64-lead LQFP Package
Description
The Atmel AT43USB355 is an 8-bit microcontroller based on the AVR RISC architec-
ture. By executing powerful instructions in a single clock cycle, the AT43USB355
achieves throughputs approaching 12 MIPS. The AVR core combines a rich instruc-
tion set with 32 general-purpose working registers. All 32 registers are directly
connected to the ALU allowing two independent registers to be accessed in one single
instruction executed in one clock cycle. The resulting architecture is more code effi-
cient while achieving throughputs up to ten times faster than conventional CISC
microcontrollers.
Furthermore, the AT43USB355 features an on-chip 24-Kbyte program memory and
1-Kbyte of data memory. It is supported by a standard set of peripherals such as
timer/counter modules, watchdog timer and internal and external interrupt sources.
The major peripheral included in the AT43USB355 is a full-speed USB 2.0 Hub with
an embedded function and a 12-channel Analog-to-Digital Converter (ADC) for use in
applications such as game controllers.
Full-speed
USB
Microcontroller
with Embedded
Hub, ADC and
PWM
AT43USB355
2603G–USB–04/06


Similar Part No. - AT43USB355

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355 Datasheet
36Kb / 2P
Missed Watchdog Timer Reset
AT43USB355 ATMEL-AT43USB355 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
More results

Similar Description - AT43USB355

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
Full-speed USB Hub/Function Microcontroller
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB320A ATMEL-AT43USB320A_04 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with an Embedded Hub
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
USB Full Speed Microcontroller
logo
ATMEL Corporation
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Maxim Integrated Produc...
DS87C550 MAXIM-DS87C550 Datasheet
673Kb / 49P
EPROM High-Speed Microcontroller with ADC and PWM
REV: 070505
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com