Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 6Page - ATMEL Corporation AT43USB355 Datasheet HTML 7Page - ATMEL Corporation AT43USB355 Datasheet HTML 8Page - ATMEL Corporation AT43USB355 Datasheet HTML 9Page - ATMEL Corporation AT43USB355 Datasheet HTML 10Page - ATMEL Corporation AT43USB355 Datasheet HTML 11Page - ATMEL Corporation AT43USB355 Datasheet HTML 12Page - ATMEL Corporation AT43USB355 Datasheet HTML 13Page - ATMEL Corporation AT43USB355 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 115 page
background image
10
AT43USB355
2603G–USB–04/06
The program memory of the AT43USB355E is automatically written with data stored in an
external serial EEPROM during the chip's power-on reset sequence. The power-on reset is
the only way the on-chip program memory of the AT43USB355E will be written or modified.
The two versions of the AT43USB355 are binary compatible. A firmware written for the
AT43USB355E will work unaltered on the AT43USB355M. The only functional difference
between the two versions is with respect to the serial EEPROM interface pins, GPIO PF[0:3].
The differences are:
SPI Serial
EEPROM Interface
(AT43USB355E
Only)
The AT43USB355E is designed to interface directly with a synchronous serial peripheral inter-
face (SPI) SEEPROM such as the Atmel AT25HP256/512. All instructions, addresses and
data are transferred with the MSB first and start with a high-to-low SSN transition.
Note:
The SPI port of the AT43USB355E at PF[0:3] is dedicated for program memory downloading
only. It cannot be accessed by the firmware program.
Figure 4. AT43USB355E Read Sequence
Read Sequence
1.
The AT43USB35E asserts its SSN output pin and outputs a 3 MHz clock at SCK. It
continues to activate SCK until the completion of the read process.
2.
The AT43USB355E transmits the READ op-code (= 0000011) through its MOSI, fol-
lowed by the 16-bit byte address to be read, x0000. Please note that the
AT43USB355E will send a 16-byte address only. SEEPROM with SPI that requires a
24-bit address cannot be used with the AT43USB355E.
3.
The SEEPROM then shifts out the data through its MISO pin.
4.
The AT43USB35E de-asserts SCK and SSN after 24K bytes data read is complete.
Port F Pins
AT43USB355E
AT43USB355M
PF0
Slave Select Pin – Its output will be asserted (low) during
downloading of firmware and will stay de-asserted (high) after
download is completed.
NC (No connect)
PF1, PF2, PF3
Functions as serial EEPROM interface signals during
downloading and as GPIO pins after download is completed.
GPIO
AT43USB355E
AT25HP256
SSN
MOSI
MISO
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com