Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 55Page - ATMEL Corporation AT43USB355 Datasheet HTML 56Page - ATMEL Corporation AT43USB355 Datasheet HTML 57Page - ATMEL Corporation AT43USB355 Datasheet HTML 58Page - ATMEL Corporation AT43USB355 Datasheet HTML 59Page - ATMEL Corporation AT43USB355 Datasheet HTML 60Page - ATMEL Corporation AT43USB355 Datasheet HTML 61Page - ATMEL Corporation AT43USB355 Datasheet HTML 62Page - ATMEL Corporation AT43USB355 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
59
AT43USB355
2603G–USB–04/06
Analog-to-digital
Converter
Feature list:
•
10-bit Resolution
•
4 LSB Integral Non-linearity
•
±2 LSB Absolute Accuracy
•
12 – 768 µs Conversion Time
•
Up to 83 kSPS at Maximum Resolution
•
12 Multiplexed Input Channels
•
Rail-to-rail Input Range
•
Free Running or Single Conversion Mode
•
Interrupt on ADC Conversion Complete
The AT43USB355 features a 10-bit successive approximation ADC. The ADC is connected to
a 12-channel Analog Multiplexer to pins AD0 – AD11. The ADC contains a Sample and Hold
Amplifier that ensures that the input voltage to the ADC is held at a constant level during con-
version. A block diagram of the ADC is shown in Figure 22.
An external reference voltage must be applied to the V
REF pin. This voltage must be in the
range between 2.4V and the VCEXTA voltage.
Figure 22. Analog-to-digital Converter Block Schematic
ADC Conversion
Complete IRQ
8-bit Data Bus
ADC Multiplexer
Select (ADMUX)
Prescaler
ADC Ctrl and Staus
Register (ADCSR)
ADC Data Register
(ADCH/ADCL)
Conversion Logic
10-bit DAC
+
-
Sample and Hold
Comparator
Analog
Inputs
VREF
15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com