Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 91Page - ATMEL Corporation AT43USB355 Datasheet HTML 92Page - ATMEL Corporation AT43USB355 Datasheet HTML 93Page - ATMEL Corporation AT43USB355 Datasheet HTML 94Page - ATMEL Corporation AT43USB355 Datasheet HTML 95Page - ATMEL Corporation AT43USB355 Datasheet HTML 96Page - ATMEL Corporation AT43USB355 Datasheet HTML 97Page - ATMEL Corporation AT43USB355 Datasheet HTML 98Page - ATMEL Corporation AT43USB355 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
95
AT43USB355
2603G–USB–04/06
Hub Port Status
Register
The bits in this register are used by the microcontroller firmware when reporting a port's status
through the Port Status Field, wPortStatus. Bits 3 (POCI) and 5 (PPSTAT) are used by the
USB hardware and are the only two bits that the firmware should set or clear. All other bits
should not be modified by the firmware.
Hub Port Status Register – HPSTAT2, 3
• Bit 7 – Reserved
This bit is reserved in the AT43USB355 and will read as zero.
• Bit 6 – LSP: Low-speed Device Attached
0 = Full-speed device attached to this port
1 = Slow-speed device attached to this port
Set to 0 for Port 1 (full-speed only). Set and cleared by the hardware upon detection of device
at EOF2.
• Bit 5 – PPSTAT: Port Power Status
0 = Port is powered OFF
1 = Port is powered ON
Set to 1 for Port 1. Set and cleared based on present status of port power.
• Bit 4 – PRSTAT: Port Reset Status
0 = Reset signaling not asserted
1 = Reset signaling asserted
Set and cleared by the hardware as a result of initiating a port reset by Port Control Register.
• Bit 3 – POCI: Port Overcurrent Indicator
0 = Power normal
1 = Overcurrent exist on port
Set to 0 for Port 1. Set and cleared by firmware upon detection of an overcurrent or removal of
an overcurrent.
• Bit 2 – PSSTAT: Port Suspend Status
0 = Port not suspended
1 = Port suspended
Set and cleared by the hardware as controlled through Port Control Register.
• Bit 1 – PESTAT: Port Enable Status
0 = Port is disabled
1 = Port is enabled
Bit
7
6
5
4
3
2
1
0
Port1 $1FB8
–
LSP
PPSTAT
PRSTAT
POCI
PSSTAT
PESTAT
PCSTAT
HPSTAT1
Port2 $1FB9
–
LSP
PPSTAT
PRSTAT
POCI
PSSTAT
PESTAT
PCSTAT
HPSTAT2
Port3 $1FBA
–
LSP
PPSTAT
PRSTAT
POCI
PSSTAT
PESTAT
PCSTAT
HPSTAT3
Read/Write
R
R
R/W
R
R/W
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com