Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 61Page - ATMEL Corporation AT43USB355 Datasheet HTML 62Page - ATMEL Corporation AT43USB355 Datasheet HTML 63Page - ATMEL Corporation AT43USB355 Datasheet HTML 64Page - ATMEL Corporation AT43USB355 Datasheet HTML 65Page - ATMEL Corporation AT43USB355 Datasheet HTML 66Page - ATMEL Corporation AT43USB355 Datasheet HTML 67Page - ATMEL Corporation AT43USB355 Datasheet HTML 68Page - ATMEL Corporation AT43USB355 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
65
AT43USB355
2603G–USB–04/06
ADC Data Register – ADCL and ADCH
When an ADC conversion is complete, the result is found in these two registers. In Free Run
Mode, it is essential that both registers are read, and that ADCL is read before ADCH.
Scanning Multiple
Channels
Since change of analog channels is always delayed until a conversion is finished, the Free
Run Mode can be used to scan multiple channels without interrupting the converter. Typically,
the ADC Conversion Complete interrupt will be used to perform the channel shift. However,
the user should take the following fact into consideration:
The interrupt triggers once the result is ready to be read. In Free Run Mode, the next conver-
sion will start immediately when the interrupt triggers. If ADMUX is changed after the interrupt
triggers, the next conversion has already started and the old setting is used.
Table 23. ADC Prescaler Selections
ADPS2
ADPS1
ADPS0
Division Factor
0002
0012
0104
0118
100
16
101
32
110
64
111
128
Bit
7
6
5
4
3
2
1
0
$03 ($23)
–
–
–
–
–
–
ADC9
ADC8
ADCH
$24 ($44)
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com