Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 73Page - ATMEL Corporation AT43USB355 Datasheet HTML 74Page - ATMEL Corporation AT43USB355 Datasheet HTML 75Page - ATMEL Corporation AT43USB355 Datasheet HTML 76Page - ATMEL Corporation AT43USB355 Datasheet HTML 77Page - ATMEL Corporation AT43USB355 Datasheet HTML 78Page - ATMEL Corporation AT43USB355 Datasheet HTML 79Page - ATMEL Corporation AT43USB355 Datasheet HTML 80Page - ATMEL Corporation AT43USB355 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
77
AT43USB355
2603G–USB–04/06
No-data Status
Response State
The Function Interface Unit receives an IN token from the Host. The FIU responds with a zero
length DATA1 packet until receiving an ACK from the host, then asserts a TX_COMPLETE
interrupt.
Control Read Data
Response State
The Function Interface Unit receives an IN token from the Host. The FIU responds with NAKs
until TX_PACKET_READY is set. The FIU then sends the data in the FIFO upstream, retrying
un til it s ucce ssfu lly rece ives a n ACK fr om the h os t. Fin ally, th e FIU clea rs th e
TX_PACKET_READY bit and asserts a TX_COMPLETE interrupt.
Hardware
Firmware
1.
IN token from Host
2.
Send DATA1(0)
3.
ACK from Host
4.
Set TX COMPLETE
→ INT
5.
Read UISR
6.
Read CSR0
7.
If SET ADDRESS, program the new
Address, set ADD_EN bit
8.
Clear TX_COMPLETE, clear Data
End, set Force STALL in CAR0
9.
Set UIAR[EP0 INTACK]
Hardware
Firmware
1.
IN token from Host
2.
a. If TX Packet Ready = 1, send
DATA0/DATA1
b. If TX Packet Ready = 0, send NAK
3.
ACK from Host
4.
Clear TX Packet Ready
Set TX Complete
→ INT
5.
Read UISR
6.
Read CSR0
7.
Clear TX COMPLETE in CAR0:
a. If more data: fill FIFO, set TX
Packet Ready, set DIR in CAR0
b. If no more data: set Force STALL,
set DATA END in CAR0
8.
Set UIAR[EP0 INTACK] to clear
interrupt source
Repeat steps 1 through 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com