Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 96Page - ATMEL Corporation AT43USB355 Datasheet HTML 97Page - ATMEL Corporation AT43USB355 Datasheet HTML 98Page - ATMEL Corporation AT43USB355 Datasheet HTML 99Page - ATMEL Corporation AT43USB355 Datasheet HTML 100Page - ATMEL Corporation AT43USB355 Datasheet HTML 101Page - ATMEL Corporation AT43USB355 Datasheet HTML 102Page - ATMEL Corporation AT43USB355 Datasheet HTML 103Page - ATMEL Corporation AT43USB355 Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 115 page
background image
100
AT43USB355
2603G–USB–04/06
connect, port disconnect or resume signaling received at a downstream port or, in case of the
embedded function, through an external interrupt.
A remote wakeup initiated at a downstream port is similar in many respects to a global
resume. The USB hardware enables the oscillator/PLL, propagates the RESUME signaling,
and sets the RSM bit of the SPRSR which generates an interrupt. The microcontroller starts
executing where it left off and services the interrupt. As part of the ISR, the firmware clears the
GLB_SUSP bit.
A remote wakeup from the embedded function is initiated through INT0 or the external inter-
rupt, INT1, which enables the oscillator/PLL and the USB hardware. The USB hardware drives
RESUME signaling and sets the FRMWUP and RSM bits of SPRSR which generates an inter-
rupt to the microcontroller. The microcontroller starts executing where it left off and services
the interrupt. As part of the ISR, the firmware clears the GLB SUSP bit.
At completion of RESUME signaling, the USB hardware sets the Port Suspend Status Change
bits of the Hub Port Status Change Registers.
Selective Suspend
and Resume
See section on Hub Port Control Register, HPCON.
Suspend and Resume
Process
Global Suspend
The Host stops sending packets, the hardware detects this as global suspend signaling and
stops all downstream signaling. Finally, the hardware asserts the GLB_SUSP interrupt.
Hardware
Firmware
1.Host stops sending packets
2.
Global suspend signaling detected
3.
Stop downstream signaling
4.
Set GBL SUS bit
→ interrupt
5.
Shut down any peripheral activity
6.
Set Sleep Enable and Sleep Mode bits
of MCUCR
7.
Set GPIO to low power state if required
8.
Set UOVCER bit 2
9.
Execute SLEEP instruction
10. SLEEP bit detected
11. Shut off oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com