Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 103 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 99Page - ATMEL Corporation AT43USB355 Datasheet HTML 100Page - ATMEL Corporation AT43USB355 Datasheet HTML 101Page - ATMEL Corporation AT43USB355 Datasheet HTML 102Page - ATMEL Corporation AT43USB355 Datasheet HTML 103Page - ATMEL Corporation AT43USB355 Datasheet HTML 104Page - ATMEL Corporation AT43USB355 Datasheet HTML 105Page - ATMEL Corporation AT43USB355 Datasheet HTML 106Page - ATMEL Corporation AT43USB355 Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 115 page
background image
103
AT43USB355
2603G–USB–04/06
Electrical
Specification
Absolute
Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of this specification is not implied. Expo-
sure to absolute maximum rating conditions for extended periods may affect device reliability.
Note:
VCEXT is the voltage of CEXT1, CEXT2, CEXT3 and CEXTA.
DC Characteristics
The values shown in this table are valid for TA = 0
°C to 85°C, VCC = 4.4 to 5.25V, unless oth-
erwise noted.
Table 30. Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Unit
VCC5
5V Power Supply
5.5
V
VI
DC input voltage
-0.3V
VCEXT+0.3
4.6 max
V
VO
DC output voltage
-0.3
VCEXT+0.3
4.6 max
V
TO
Operating temperature
-40
+125
°C
TS
Storage temperature
-65
+150
°C
Table 31. Power Supply
Symbol
Parameter
Condition
Min
Max
Unit
V
CC
5V Power Supply
4.4
5.25
V
I
CC
5V Supply Current
40
mA
ICCS
Suspended Device Current
600
uA
Table 32. USB Signals: DPx, DMx
Symbol
Parameter
Condition
Min
Max
Unit
V
IH
Input Level High (driven)
2.0
V
VIHZ
Input Level High (floating)
2.7
V
VIL
Input Level Low
0.8
V
V
DI
Differential Input Sensitivity
DPx and DMx
0.2
V
V
CM
Differential Common Mode
Range
0.8
2.5
V
VOL1
Static Output Low
RL of 1.5 k
Ω
to 3.6V
0.3
V
VOH1
Static Output High
RL of 15 k
Ω to
GND
2.8
3.6
V
VCRS
Output Signal Crossover
1.3
2.0
V
VIN
Input Capacitance
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com