Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 102Page - ATMEL Corporation AT43USB355 Datasheet HTML 103Page - ATMEL Corporation AT43USB355 Datasheet HTML 104Page - ATMEL Corporation AT43USB355 Datasheet HTML 105Page - ATMEL Corporation AT43USB355 Datasheet HTML 106Page - ATMEL Corporation AT43USB355 Datasheet HTML 107Page - ATMEL Corporation AT43USB355 Datasheet HTML 108Page - ATMEL Corporation AT43USB355 Datasheet HTML 109Page - ATMEL Corporation AT43USB355 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 115 page
background image
106
AT43USB355
2603G–USB–04/06
Figure 30. Low-speed Downstream Port Load
Note:
1. With 6.000 MHz, 100 ppm crystal.
Table 37. USB Driver Characteristics, Low-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TR
Rise time
CL = 200 - 600 pF
75
300
ns
TF
Fall time
CL = 200 - 600 pF
75
300
ns
TRFM
TR/TF matching
80
125
%
TxD+
TxD-
R
S
R
S
C
L
C
L
C
L = 200 pF to 600 pF
3.6V
1.5 K Ohm
Table 38. USB Source Timings, Full-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TDRATE
Full Speed Data Rate(1)
Average Bit Rate
11.97
12.03
Mb/s
TFRAME
Frame Interval(1)
0.9995
1.0005
ms
TRFI
Consecutive Frame Interval Jitter(1)
No clock adjustment
42
ns
TRFIADJ
Consecutive Frame Interval Jitter(1)
With clock adjustment
126
ns
TDJ1
TDJ2
Source Diff Driver Jitter
To Next Transition
For Paired Transitions
-3.5
-4
3.5
4
ns
TFDEOP
Source Jitter for Differential Transition to
SEO Transitions
-2
5
ns
TDEOP
Differential to EOP Transition Skew
-2
5
ns
TJR1
TJR2
Receiver Data Jitter Tolerance
To Next Transition
For Paired Transitions
-18.5
-9
18.5
9
ns
TFEOPT
Source SEO interval of EOP
160
175
ns
TFEOPR
Receiver SEO interval of EOP
82
ns
TFST
Width of SEO interval during differential
transition
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com