Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 109 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 105Page - ATMEL Corporation AT43USB355 Datasheet HTML 106Page - ATMEL Corporation AT43USB355 Datasheet HTML 107Page - ATMEL Corporation AT43USB355 Datasheet HTML 108Page - ATMEL Corporation AT43USB355 Datasheet HTML 109Page - ATMEL Corporation AT43USB355 Datasheet HTML 110Page - ATMEL Corporation AT43USB355 Datasheet HTML 111Page - ATMEL Corporation AT43USB355 Datasheet HTML 112Page - ATMEL Corporation AT43USB355 Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 115 page
background image
109
AT43USB355
2603G–USB–04/06
Table 41. Hub Event Timings
Symbol
Parameter
Condition
Min
Max
Unit
TDCNN
Time to detect a
downstream port connect
event
2.5
2000
µs
TDDIS
Time to detect a
disconnect event on
downstream port
Awake Hub
Suspended Hub
2.5
2.5
2000
12000
µs
TURSM
Time from detecting
downstream resume to
rebroadcast
100
µs
TDRST
Duration of driving reset to
a downstream device
Only for a SetPortFeature
(PORT_RESET) request
10
20
µs
TDSPDEV
Time to evaluate device
speed after reset
2.5
1000
µs
TURLK
Time to detect a long K
from upstream
2.5
5.5
µs
TURLSEO
Time to detect a long SEO
from upstream
2.5
5.5
µs
TURPSEO
Duration of repeating SEO
upstream
23
FS
bits
TUDEOP
Duration of sending SEO
upstream after EOF1
2FS
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com