Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT43USB355 Datasheet HTML 54Page - ATMEL Corporation AT43USB355 Datasheet HTML 55Page - ATMEL Corporation AT43USB355 Datasheet HTML 56Page - ATMEL Corporation AT43USB355 Datasheet HTML 57Page - ATMEL Corporation AT43USB355 Datasheet HTML 58Page - ATMEL Corporation AT43USB355 Datasheet HTML 59Page - ATMEL Corporation AT43USB355 Datasheet HTML 60Page - ATMEL Corporation AT43USB355 Datasheet HTML 61Page - ATMEL Corporation AT43USB355 Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
58
AT43USB355
2603G–USB–04/06
SPI Status Register – SPSR
•Bit 7 – SPIF: SPI Interrupt Flag
When a serial transfer is complete, the SPIF bit is set (one) and an interrupt is generated if
SPIE in SPCR is set (one) and global interrupts are enabled. If SS is an input and is driven low
when the SPI is in master mode, this will also set the SPIF flag. SPIF is cleared by the hard-
ware when executing the corresponding interrupt handling vector. Alternatively, the SPIF bit is
cleared by first reading the SPI status register when SPIF is set (one), then accessing the SPI
Data Register (SPDR).
•Bit 6 – WCOL: Write Collision Flag
The WCOL bit is set if the SPI data register (SPDR) is written during a data transfer. The
WCOL bit (and the SPIF bit) are cleared (zero) by first reading the SPI Status Register when
WCOL is set (one), and then accessing the SPI Data Register.
• Bit 5..0 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and will always read as zero.
SPI Data Register – SPDR
The SPI Data Register is a read/write register used for data transfer between the register file
and the SPI Shift register. Writing to the register initiates data transmission. Reading the regis-
ter causes the Shift Register Receive buffer to be read.
Bit
7
6
543
2
1
0
$0E ($2E)
SPIF
WCOL
–
–
–
–
–
–
SPSR
Read/Write
R
R
R
R
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$0F ($2F)
MSB
–
–
–
–
–
–
LSB
SPDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
x
x
x
x
x
x
x
x
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com