Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 212 page
background image
105
4109J–8051–10/06
AT8xC51SND1C
Reset Value = 0000 0000b
Table 90. UEPDATX Register
UEPDATX (S:CFh) – USB Endpoint X FIFO Data Register (X = EPNUM set in UEPNUM)
Reset Value = XXh
Table 91. UBYCTX Register
UBYCTX (S:E2h) – USB Endpoint X Byte Count Register (X = EPNUM set in UEPNUM)
Bit
Number
Bit
Mnemonic
Description
7 - 3
-
Reserved
The value read from these bits is always 0. Do not set these bits.
2EP2INT
Endpoint 2 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected
on the endpoint 2. The endpoint interrupt sources are in the UEPSTAX register
and can be: TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP2IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are
cleared.
1EP1INT
Endpoint 1 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected
on the endpoint 1. The endpoint interrupt sources are in the UEPSTAX register
and can be: TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP1IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are
cleared.
0EP0INT
Endpoint 0 Interrupt Flag
This bit is set by hardware when an endpoint interrupt source has been detected
on the endpoint 0. The endpoint interrupt sources are in the UEPSTAX register
and can be: TXCMP, RXOUTB0, RXOUTB1, RXSETUP or STLCRC.
A USB interrupt is triggered when the EP0IE bit in the UEPIEN register is set.
This bit is cleared by hardware when all the endpoint interrupt sources are
cleared.
7654
3210
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
Bit
Number
Bit
Mnemonic
Description
7 - 0
FDAT7:0
Endpoint X FIFO Data
Data Byte to be written to FIFO or data Byte to be read from the FIFO, for the
Endpoint X (see EPNUM).
7654
3210
-
BYCT6
BYCT5
BYCT4
BYCT3
BYCT2
BYCT1
BYCT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com